Electronic Components Datasheet Search
  English  ▼

X  

AD668 Datasheet(PDF) 2 Page - Analog Devices

Part # AD668
Description  12-Bit Ultrahigh Speed Multiplying D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD668 Datasheet(HTML) 2 Page - Analog Devices

  AD668 Datasheet HTML 1Page - Analog Devices AD668 Datasheet HTML 2Page - Analog Devices AD668 Datasheet HTML 3Page - Analog Devices AD668 Datasheet HTML 4Page - Analog Devices AD668 Datasheet HTML 5Page - Analog Devices AD668 Datasheet HTML 6Page - Analog Devices AD668 Datasheet HTML 7Page - Analog Devices AD668 Datasheet HTML 8Page - Analog Devices AD668 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD668–SPECIFICATIONS (@ T
A = +25 C, VCC = +15 V, VEE = –15 V, unless otherwise noted)
–2–
REV. A
AD668J/A
AD668K
AD668S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
12
12
12
Bits
LSB WEIGHT (At Nominal FSR)
Current
2.5
*
*
µA
Voltage (Current into RL)
250
*
*
µV
ACCURACY
1
Linearity
–1/2
+1/2
–1/4
+1/4
**
LSB
TMIN to TMAX
–3/4
+3/4
–1/2
+1/2
**
LSB
Differential Nonlinearity
–1
+1
–1/2
+1/2
**
LSB
TMIN to TMAX
–1
+1
–1/2
+1/2
**
LSB
Monotonicity
GUARANTEED OVER RATED SPECIFICATION TEMPERATURE RANGE
Unipolar Offset (Digital)
–0.2
+0.2
*
*
*
*
% of FSR
Bipolar Offset
–1.0
+1.0
–0.6
+0.6
**
% of FSR
Bipolar Zero
–0.5
+0.5
–0.2
+0.2
**
% of FSR
Analog Offset
–1.0
+1.0
–0.7
+0.7
**
% of VNOM/
°C
Gain Error
–1.0
+1.0
*
*
**
% of FSR
TEMPERATURE COEFFICIENTS
2
Unipolar Offset
–8
+8
–5
+5
**
ppm of FSR/
°C
Bipolar Offset
–25
+25
–15
+15
**
ppm of FSR/
°C
Bipolar Zero
–20
+20
–15
+15
**
ppm of FSR/
°C
Analog Offset
–20
+20
–10
+10
–20
+20
ppm of VNOM/
°C
Gain Drift
–30
+30
–15
+15
–40
+40
ppm of FSR/
°C
Gain Drift (IOUT)
±150
±150
±150
ppm of FSR/
°C
REFERENCE INPUT
Input Resistance
5.0 V Range
5
*
*
k
Ω
1.25 V Range
5
*
*
k
Ω
1.0 V Range
1
*
*
M
Ω
Reference Range (TMIN to TMAX)10
100
120
*
*
*
*
*
*
% of VNOM
DATA INPUTS
Logic Levels (TMIN to TMAX)
VIH
2.0
7.0
*
*
*
*
V
VLL
0.0
0.8
**
*
*
V
Logic Currents (TMIN to TMAX)
IIH
–10
+10
**
*
*
µA
IIL
060
100
**
*
0
100
200
–
µA
VTH Pin Voltage
1.4
V
CODING
BINARY, OFFSET BINARY
CURRENT OUTPUT RANGES
0 to 10.24,
± 5.12
mA
VOLTAGE OUTPUT RANGES
0 to 1.024,
± 0.512
V
OUTPUT COMPLIANCE
–2
+1.2
*
*
*
*
V
OUTPUT RESISTANCE
Exclusive of RL
160
200
240
*
*
*
*
*
*
Ω
Inclusive of RL
99
100
101
*
*
*
*
*
*
Ω
REFERENCE AMPLIFIER
Input Bias Current
1.5
*
*
µA
Slew Rate
3
*
*
% of FS/ns
Large Signal Bandwidth
10
*
*
MHz
Small Signal Bandwidth
15
*
*
MHz
Undervoltage Recovery Time
VREF/VNOM to 0%
35
*
*
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com