Electronic Components Datasheet Search
  English  ▼

X  

MP28258 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP28258
Description  High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28258 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP28258 Datasheet HTML 7Page - Monolithic Power Systems MP28258 Datasheet HTML 8Page - Monolithic Power Systems MP28258 Datasheet HTML 9Page - Monolithic Power Systems MP28258 Datasheet HTML 10Page - Monolithic Power Systems MP28258 Datasheet HTML 11Page - Monolithic Power Systems MP28258 Datasheet HTML 12Page - Monolithic Power Systems MP28258 Datasheet HTML 13Page - Monolithic Power Systems MP28258 Datasheet HTML 14Page - Monolithic Power Systems MP28258 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP28258 – 3A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP28258 Rev 1.14
www.MonolithicPower.com
11
9/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
To realize the stability when no external ramp is
used, usually the ESR value should be chosen
as follow:
SW
ON
ESR
OUT
TT
0.7
2
R
C
+
×π
≥
(4)
TSW is the switching period.
Ramp with small ESR Cap
When the output capacitors are ceramic ones,
the ESR ripple is not high enough to stabilize the
system, and external ramp compensation is
needed. Skip to application information section
for design steps with small ESR caps
.
Figure 8—Simplified Circuit in PWM Mode
with External Ramp Compensation
Figure 8 shows a simplified external ramp
compensation (R4 and C4) for PWM mode, with
HS-FET off. Chose R1, R2, R9 and C4 of the
external ramp to meet the following condition:
12
9
SW
4
1
2
RR
11
R
2F
C
5
R
R
⎛⎞
×
<×
+
⎜⎟
π×
×
+
⎝⎠
(5)
where:
R4
C4
FB
C4
II
I
I
=+
≈
(6)
And the Vramp on the VFB can then be estimated
as:
IN
OUT
12
RAMP
ON
44
1
2
9
VV
R//R
VT
RC
R // R
R
−
=×
×
×+
(7)
The downward slope of the VFB ripple then
follows
−
−
==
×
OUT
RAMP
SLOPE1
off
4
4
V
V
V
TR
C
(8)
As can be seen from equation 8, if there is
instability in PWM mode, we can reduce either
R4 or C4. If C4 can not be reduced further due to
limitation from equation 5, then we can only
reduce R4. For a stable PWM operation, the
Vslope1 should be design follow equation 9.
SW
ON
-3
ESR
OUT
slope1
OUT
OUT
SW
on
TT
+-R
C
Io 10
0.7 π
2
-V
V
+
2L C
T -T
×
×
≥
××
(9)
Io is the load current.
In skip mode, the downward slope of the VFB
ripple is the same whether the external ramp is
used or not. Figure9 shows the simplified circuit
of the skip mode when both the HS-FET and LS-
FET are off.
Figure 9—Simplified Circuit in skip Mode
The downward slope of the VFB ripple in skip
mode can be determined as follow:
()
REF
SLOPE2
12
OUT
V
V
(R
R // Ro) C
−
=
+×
(10)
where Ro is the equivalent load resistor.
As described in Figure 6, VSLOPE2 in the skip mode
is lower than that is in the PWM mode, so it is
reasonable that the jitter in the skip mode is
larger. If one wants a system with less jitter
during light load condition, the values of the VFB
resistors should not be too big, however, that will
decrease the light load efficiency.
When using a large-ESR capacitor on, the output,
add a ceramic capacitor with a value of 10uF or
less to in parallel to minimize the effect of ESL.
Soft Start/Stop
MP28258
employs
a
soft
start/stop
(SS)
mechanism to ensure smooth output during
power up and power shut-down. When the EN
pin goes high, the internal SS voltage slowly
ramps up. The output voltage smoothly ramps up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com