Electronic Components Datasheet Search
  English  ▼

X  

MP28258DD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP28258DD
Description  High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28258DD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP28258DD Datasheet HTML 1Page - Monolithic Power Systems MP28258DD Datasheet HTML 2Page - Monolithic Power Systems MP28258DD Datasheet HTML 3Page - Monolithic Power Systems MP28258DD Datasheet HTML 4Page - Monolithic Power Systems MP28258DD Datasheet HTML 5Page - Monolithic Power Systems MP28258DD Datasheet HTML 6Page - Monolithic Power Systems MP28258DD Datasheet HTML 7Page - Monolithic Power Systems MP28258DD Datasheet HTML 8Page - Monolithic Power Systems MP28258DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP28258 – 3A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP28258 Rev 1.14
www.MonolithicPower.com
3
9/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
0
μA
Supply current (quiescent)
IIN
VEN = 2V, VFB = 0.9V
360
μA
HS switch-on resistance
HSRDS-ON
120
mΩ
LS switch-on resistance
LSRDS-ON
50
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 0V or 12V
0
10
μA
Current limit
(5)
ILIMIT
After Soft-Start Time-out
4
5
A
One-Shot on time
TON
R7 = 300kΩ,VOUT = 1.2V
250
ns
Minimum off time
TOFF
130
150
ns
Fold-back off time
TFB
ILIM = 1
4.5
μs
OCP hold-off time
TOC
ILIM = 1
50
μs
TA = 25°C
807
815
823
mV
Feedback voltage
VFB
TA = -40°C to 85°C
803
827
mV
Feedback current
IFB
VFB = 800mV
10
50
nA
Soft start rime
TSS
1
ms
EN rising threshold
ENVth-Hi
1.05
1.35
1.6
V
EN threshold hysteresis
ENVth-Hys
500
mV
VEN = 2V
2
μA
EN input current
IEN
VEN = 0V
0
Power-good rising rhreshold
PGVth-Hi
0.9
VFB
Power-good falling rhreshold
PGVth-Lo
0.85
VFB
Power-good delay
PGTd
0.5
ms
Power-good sink current
capability
VPG
Sink 4mA
0.4
V
Power-good leakage current
IPG_LEAK VPG = 3.3V
10
nA
VIN under-voltage lockout
threshold rising
INUVVth
3.1
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
300
mV
Thermal shutdown
TSD
150
°C
Thermal shutdown hysteresis
TSD-HYS
25
°C
Note:
5) Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com