Electronic Components Datasheet Search
  English  ▼

X  

MP28258DD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28258DD
Description  High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28258DD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28258DD Datasheet HTML 1Page - Monolithic Power Systems MP28258DD Datasheet HTML 2Page - Monolithic Power Systems MP28258DD Datasheet HTML 3Page - Monolithic Power Systems MP28258DD Datasheet HTML 4Page - Monolithic Power Systems MP28258DD Datasheet HTML 5Page - Monolithic Power Systems MP28258DD Datasheet HTML 6Page - Monolithic Power Systems MP28258DD Datasheet HTML 7Page - Monolithic Power Systems MP28258DD Datasheet HTML 8Page - Monolithic Power Systems MP28258DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP28258
High Efficiency, Fast Transient, 3A, 4.2V-20V Input
Synchronous Step-down Converter
in QFN12 (2x3mm)
MP28258 Rev 1.14
www.MonolithicPower.com
1
9/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP28258 is a fully-integrated, high-
efficiency, synchronous, step-down, switch
mode converter. It offers a very compact
solution that can achieve a 3A continuous
output current over a wide input supply range
with excellent load and line regulation, and can
operate at high efficiency over a wide output-
current load range.
Constant-On-Time
(COT)
control
mode
provides fast transient response and eases loop
stabilization.
Full protection features include SCP, OCP,
OVP, UVP and, thermal shut down.
The MP28258 requires a minimal number of
readily-available standard external components.
This device is available in a space saving
2mmx3mm 12-pin QFN package.
FEATURES
• Wide 4.2V to 20V Operating Input Range
• 3A Output Current
• Low RDS(ON) Internal Power Mosfets
• Proprietary Switching Loss Reduction
Technique
• Power-Good Indicator in QFN Package
• Soft Startup/Shutdown
• Programmable Switching Frequency
• SCP, OCP, UVP Protection and Thermal
Shutdown
• Optional OCP Protection: Latch-Off Mode
and Hiccup Mode.
• Output Adjustable From 0.815V To 13V
• Available in aQFN12 (2x3mm) Package
APPLICATIONS
•
Networking Systems
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP28258
IN
FREQ
VCC
EN
PG
GND
FB
SW
BST
C5
C1
C3
C2
VOUT
1.2V
L1
R4
R1
R2
C4
R7
VIN
4.2V - 20V
9
8
2, 10
3
7
1, 11, 12
4
5
6
EN
OFF ON


Similar Part No. - MP28258DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28258DD MPS-MP28258DD Datasheet
869Kb / 18P
High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28258DD-A MPS-MP28258DD-A Datasheet
869Kb / 18P
High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
More results

Similar Description - MP28258DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1493 MPS-MP1493 Datasheet
567Kb / 18P
3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28257 MPS-MP28257 Datasheet
592Kb / 16P
4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
MP28258-A MPS-MP28258-A Datasheet
869Kb / 18P
High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259 MPS-MP28259 Datasheet
516Kb / 18P
High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259-A MPS-MP28259-A Datasheet
516Kb / 18P
High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
logo
ACE Technology Co., LTD...
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com