Electronic Components Datasheet Search
  English  ▼

X  

MP28313DS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP28313DS
Description  2A, 16V, 340KHz Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28313DS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP28313DS Datasheet HTML 1Page - Monolithic Power Systems MP28313DS Datasheet HTML 2Page - Monolithic Power Systems MP28313DS Datasheet HTML 3Page - Monolithic Power Systems MP28313DS Datasheet HTML 4Page - Monolithic Power Systems MP28313DS Datasheet HTML 5Page - Monolithic Power Systems MP28313DS Datasheet HTML 6Page - Monolithic Power Systems MP28313DS Datasheet HTML 7Page - Monolithic Power Systems MP28313DS Datasheet HTML 8Page - Monolithic Power Systems MP28313DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP28313 – 2A, 16V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP28313 Rev. 1.5
www.MonolithicPower.com
5
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VO = 3.3V, L = 10µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless otherwise noted.
Startup through Enable
VIN = 12V, VOUT = 3.3V
IOUT = 1A (Resistance Load)
Shutdown through Enable
VIN = 12V, VOUT = 3.3V
IOUT = 1A (Resistance Load)
Light Load Operation
Medium Load Operation
Load Transient
Steady State Test
VIN = 12V, VOUT = 3.3V
IOUT = 0A, IIN= 8.2mA
Heavy Load Operation
Short Circuit
Recovery
Short Circuit
Protection
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
1A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
1A/div.
VIN
20mV/div.
VOUT
20mV/div.
VSW
10V/div.
IL
1A/div.
VOUT
2V/div.
IL
2A/div.
VOUT
2V/div.
IL
2A/div.
VOUT
200mV/div.
ILOAD
1A/div.
IL
1A/div.
VIN, AC
200mV/div.
VO, AC
20mV/div.
VSW
10V/div.
IL
1A/div.
VIN, AC
200mV/div.
VO, AC
20mV/div.
VSW
10V/div.
IL
1A/div.
VIN, AC
20mV/div.
VO, AC
20mV/div.
VSW
10V/div.
IL
1A/div.
2ms/div.
2ms/div.
2A Load
1A Load
No Load
MP28313-TPC01
MP28313-TPC02
MP28313-TPC03
MP28313-TPC06
MP28313-TPC05
MP28313-TPC04
MP28313-TPC07
MP28313-TPC08
MP28313-TPC09



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com