Electronic Components Datasheet Search
  English  ▼

X  

MP28313DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28313DS
Description  2A, 16V, 340KHz Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28313DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28313DS Datasheet HTML 1Page - Monolithic Power Systems MP28313DS Datasheet HTML 2Page - Monolithic Power Systems MP28313DS Datasheet HTML 3Page - Monolithic Power Systems MP28313DS Datasheet HTML 4Page - Monolithic Power Systems MP28313DS Datasheet HTML 5Page - Monolithic Power Systems MP28313DS Datasheet HTML 6Page - Monolithic Power Systems MP28313DS Datasheet HTML 7Page - Monolithic Power Systems MP28313DS Datasheet HTML 8Page - Monolithic Power Systems MP28313DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP28313
2A, 16V, 340KHz Synchronous Rectified
Step-Down Converter
MP28313 Rev. 1.5
www.MonolithicPower.com
1
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP28313 is a monolithic synchronous buck
regulator.
The
device
integrates
130mΩ
MOSFETS that provide 2A continuous load
current over a wide operating input voltage of
5V to 16V. Current mode control provides fast
transient response and cycle-by-cycle current
limit.
An adjustable soft-start prevents inrush current
at turn-on. Shutdown mode drops the supply
current to 1µA.
This device, available in an 8-pin SOIC
package, provides a very compact system
solution with minimal reliance on external
components.
FEATURES
• 2A Output Current
• Wide 5V to 16V Operating Input Range
• Integrated 130mΩ Power MOSFET Switches
• Output Adjustable from 0.923V to 13V
• Up to 93% Efficiency
• Programmable Soft-Start
• Stable with Low ESR Ceramic Output Capacitors
• Fixed 340KHz Frequency
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Networking Systems
• FPGA, DSP, ASIC Power Supplies
• Green Electronics/ Appliances
• Notebook Computers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
INPUT
5V to 16V
OUTPUT
3.3V
2A
C3
3.3nF
C5
10nF
MP28313
BS
IN
FB
SW
SS
GND
COMP
EN
1
2
3
5
6
4
8
7
100
95
90
85
80
75
70
65
60
55
50
0
1.0
2.0
2.5
1.5
0.5
LOAD CURRENT (A)
MP28313_EC01
Efficiency vs
Load Current
VOUT = 3.3V
VOUT = 2.5V


Similar Part No. - MP28313DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28315 MPS-MP28315 Datasheet
363Kb / 11P
3A, 16V, 340KHz Synchronous Rectified Step-Down Converter
MP28315CN MPS-MP28315CN Datasheet
363Kb / 11P
3A, 16V, 340KHz Synchronous Rectified Step-Down Converter
More results

Similar Description - MP28313DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2303 MPS-MP2303_06 Datasheet
388Kb / 14P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2309 MPS-MP2309 Datasheet
337Kb / 10P
1A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28315 MPS-MP28315 Datasheet
363Kb / 11P
3A, 16V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Analog Microelectronics
AME5269 AME-AME5269 Datasheet
346Kb / 18P
2A, 28V, 340KHz Synchronous Rectified Step-Down Converter
logo
Anpec Electronics Corop...
A5268 ANPEC-A5268 Datasheet
479Kb / 16P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Rev.B.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com