Electronic Components Datasheet Search
  English  ▼

X  

BA5360 Datasheet(PDF) 2 Page - saftbatteries

Part # BA5360
Description  Primary lithium battery system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5360 Datasheet(HTML) 2 Page - saftbatteries

  BA5360 Datasheet HTML 1Page - saftbatteries BA5360 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
10
100
1000
10000
Current Discharge in mA
-30 C
-20C
0 C
21 C
54 C
71 C
6.0
6.2
6.4
6.6
6.8
7.0
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
9.2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Capacity(Ah)
2A
1A
500mA
250mA
100mA
6.0
6.2
6.4
6.6
6.8
7.0
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
10
100
1000
10000
Current Discharge in mA
-30 C
-20C
0 C
21 C
54 C
71C
BA 5360
Saft
12, rue Sadi Carnot
93170 Bagnolet France
Tel.: +33 (0)1 49 93 19 18
Fax: +33 (0)1 49 93 19 69
www.saftbatteries.com
Saft America, Inc.
313 Crescent St.
Valdese, NC 28690 - USA
Tel.: +1 (828) 874 4111
Fax: +1 (828) 874 3981
www.saftbatteries.com
Doc N°32041-2-0313
Edition: March 2013
Information in this document is subject to change
without notice and becomes contractual only after
written confirmation by Saft.
Published by the Communications Department
Photo credit: Saft
Typical discharge curves at 21°C at various discharge currents
Voltage plateau vs. current and temperature
Capacity vs. discharge and temperature
BA 5360 dimensions
Electrical schematic
39.37± .25 mm
(1.550±0.010 in)
19.05± .25 mm
(0.750±0.010 in)
8.76± .25 mm
(0.345±0.010 in)
9.53± .13 mm
(0.375±0.005 in)
17.53± .51 mm
(0.69±0.02 in)
10.41± .13 mm
(0.410±0.005 DIA in)
13.21± .51R mm
(0.52±0.020R in)
3.68± .25 mm
(0.145±0.010 in)
0.178± .10 mm
(0.007±0.004 in)
TYP 2PL
185.93± .38 mm
(7.320±0.015 in)
Schottky
Diode
5A
Fuse
LED
R1
3A
Fuse
Thermal
Fuse
Constant
Discharge
Device
CDD
Switch
+9V
+9V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com