Electronic Components Datasheet Search
  English  ▼

X  

BA5360 Datasheet(PDF) 1 Page - saftbatteries

Part # BA5360
Description  Primary lithium battery system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5360 Datasheet(HTML) 1 Page - saftbatteries

  BA5360 Datasheet HTML 1Page - saftbatteries BA5360 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9 V Primary lithium manganese dioxide (Li-MnO
2) battery
Primary lithium battery system
BA 5360
Electrical charachteristics
Typical OCV
9 V
Nominal voltage (at 500 mA)
8 V
Cut-off voltage (V)
6 V
Typical capacity at 21°C/70°F
13 Ah
(at 250mA discharge current)
Operating temperature
-40°C to 71°C/-40°F to +160°F
Storage temperature
Recommended max
35°C/95°F
Possible
-40°C to 71°C/-40°F to +160°F
Physical characteristics
Metric
Imperial
Maximum weight
540 g
1.2 lb
Weight of Li metal content
11.1 g
0.4 oz
Max OD
39.62 mm
1.56 in
Max length
186.31 mm
7.335 in
Battery case
plastic
References
Reference specifications
MIL PRF 32271
Saft Standard Specification
Nato stock number
6135-01-517-4955
The battery consists of 3 LM 33550 cells
connected in series
Key Features
■ A non-replaceable fuse is
incorporated in the battery
■ A normally closed thermal fuse (TCO)
is incorporated in the battery. It is
non-replaceable and non-resettable
■ A blocking diode is incorporated in the
battery to prevent charging
■ A non-replaceable fuse is connected
between two of the cells for added
safety
■ A complete discharge device (CDD)
with LED activation indicator is built
into the battery. The CDD consists of a
manually activated switch to connect a
resistor for discharging to 0V.
■ Made in the USA
Typical applications
■ AN/PSC-2 Communications Terminal
■ AN/MLQ36 Mobile Support System
■ MU/848/PSC-2


Similar Part No. - BA5360

ManufacturerPart #DatasheetDescription
logo
Rohm
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
logo
saftbatteries
BA5368 SAFT-BA5368 Datasheet
432Kb / 2P
Primary lithium battery system
More results

Similar Description - BA5360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA-5112 ETC-BA-5112 Datasheet
51Kb / 2P
LITHIUM SULFUR DIOXIDE PRIMARY BATTERY SYSTEM
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
Lithium Ion Battery Monitoring System
Rev. PrD
logo
saftbatteries
BA5599A SAFT-BA5599A Datasheet
211Kb / 2P
Li-SO2 primary battery system
BA5372 SAFT-BA5372 Datasheet
424Kb / 2P
Primary lithium battery system
BA5368 SAFT-BA5368 Datasheet
432Kb / 2P
Primary lithium battery system
BA5380 SAFT-BA5380 Datasheet
513Kb / 2P
Primary lithium battery system
BA5600A SAFT-BA5600A Datasheet
181Kb / 2P
Li-SO2 primary battery system
BA5800A SAFT-BA5800A Datasheet
228Kb / 2P
Li-SO2 primary battery system
BA5847B SAFT-BA5847B Datasheet
243Kb / 2P
Li-SO2 primary battery system
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
Lithium Primary Battery Fuel Gauge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com