Electronic Components Datasheet Search
  English  ▼

X  

BA5368 Datasheet(PDF) 2 Page - saftbatteries

Part # BA5368
Description  Primary lithium battery system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5368 Datasheet(HTML) 2 Page - saftbatteries

  BA5368 Datasheet HTML 1Page - saftbatteries BA5368 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
0
10
20
30
40
50
60
70
80
90
100
Discharge Rate (mA)
-20C
0C
20C
55C
71C
7
8
9
10
11
12
13
14
0
100
200
300
400
500
600
700
800
900
1000
Discharge Capacity (mAh)
-20C
0C
20C
55C
71C
300
400
500
600
700
800
900
1000
0
10
20
30
40
50
60
70
80
90
100
Discharge Rate (mA)
-20C
0C
20C
55C
71C
BA 5368
Saft
12, rue Sadi Carnot
93170 Bagnolet France
Tel.: +33 (0)1 49 93 19 18
Fax: +33 (0)1 49 93 19 69
www.saftbatteries.com
Saft
313 Crescent St.
Valdese, NC 28690 - USA
Tel.: +1 (828) 874 4111
Fax: +1 (828) 874 3981
www.saftbatteries.com
Doc N° 21826-2-0512
Edition: May 2012
Information in this document is subject to change
without notice and becomes contractual only after
written confirmation by Saft.
Published by the Communications Department
Photo credit: Saft
40 mA discharge typical curves at various temperatures
Capacity vs. rate at various temperatures
Mid-discharge voltage vs. rate at various temperatures
27.7 mm
1.09 in.
78.0 mm
3.05 in.
MAX.
24.6 mm
0.97 in.
MAX.
MAX.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com