Electronic Components Datasheet Search
  English  ▼

X  

BA5368 Datasheet(PDF) 1 Page - saftbatteries

Part # BA5368
Description  Primary lithium battery system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5368 Datasheet(HTML) 1 Page - saftbatteries

  BA5368 Datasheet HTML 1Page - saftbatteries BA5368 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12 V Primary lithium manganese dioxide (Li-MnO
2) battery
Primary lithium battery system
BA 5368
Electrical characteristics
Nominal OCV
13 V
Operating voltage
11.4 V
Cut-off voltage
9 V
Typical capacity at 40 mA to 9 V cut-off
at 70˚F (21˚C)
830 mA
at -4˚F (-20˚C)
675 mA
Operating temperature
-29˚C to +71˚C / -20˚F to +160˚F
Storage
Recommended max
+35˚C / +95˚F
Possible
-40˚C to +71˚C / -40˚F to +160˚F
Physical characteristics
Metric
Imperial
Maximum weight
145 g
5.1 oz
Weight of Li metal content
1.5 g
-
Diameter (max)
body
24.6 mm
0.97 in
collar
27.7 mm
1.09 in
Length (max)
78.0 mm
3.05 in
Battery case
Plastic
References
MIL-PRF-49471B/13
MIL-PRF-32271/12
Nato Stock Number
6135-01-455-7947
The battery consists of 4 LM 22150
cells connected in series arranged in
a cylindrical molded plastic case with
recessed flat terminals at either end.
Key Features
■ Built in 1A fuse
■ Plastic housing
■ Flat recessed contact terminals
■ No passivation delay effect
■ Low self-discharge rate
■ Non-restricted to Class 9
Typical applications
■ AN/PRC-90
■ AN/PRC-90-2
■ Rescue devices


Similar Part No. - BA5368

ManufacturerPart #DatasheetDescription
logo
Rohm
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
logo
saftbatteries
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
Primary lithium battery system
More results

Similar Description - BA5368

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA-5112 ETC-BA-5112 Datasheet
51Kb / 2P
LITHIUM SULFUR DIOXIDE PRIMARY BATTERY SYSTEM
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
Lithium Ion Battery Monitoring System
Rev. PrD
logo
saftbatteries
BA5599A SAFT-BA5599A Datasheet
211Kb / 2P
Li-SO2 primary battery system
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
Primary lithium battery system
BA5372 SAFT-BA5372 Datasheet
424Kb / 2P
Primary lithium battery system
BA5380 SAFT-BA5380 Datasheet
513Kb / 2P
Primary lithium battery system
BA5600A SAFT-BA5600A Datasheet
181Kb / 2P
Li-SO2 primary battery system
BA5800A SAFT-BA5800A Datasheet
228Kb / 2P
Li-SO2 primary battery system
BA5847B SAFT-BA5847B Datasheet
243Kb / 2P
Li-SO2 primary battery system
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
Lithium Primary Battery Fuel Gauge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com