Electronic Components Datasheet Search
  English  ▼

X  

BA5567 Datasheet(PDF) 2 Page - saftbatteries

Part # BA5567
Description  3 V Primary lithium sulfur dioxide High drain capability 1/3 C-size spiral cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5567 Datasheet(HTML) 2 Page - saftbatteries

  BA5567 Datasheet HTML 1Page - saftbatteries BA5567 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
0
100
200
300
400
500
600
Discharge Rate(mA)
-40C
-30C
-20C
0C
21C
54C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Capacity (Ah)
50mA
100mA
250mA
500mA
BA 5567
Handling precautions
■ Cell is pressurized at ambient
temperature
■ Do not puncture, open, or mutilate
■ Do not obstruct safety vent
mechanism
■ Do not short circuit or charge
■ Do not expose to fire or temperatures
above 160˚F (71˚C)
Saft
12, rue Sadi Carnot
93170 Bagnolet France
Tel.: +33 (0)1 49 93 19 18
Fax: +33 (0)1 49 93 19 69
www.saftbatteries.com
Saft
313 Crescent St.
Valdese, NC 28690 - USA
Tel.: +1 (828) 874 4111
Fax: +1 (828) 874 3981
www.saftbatteries.com
Doc N° 31100-2-1011
Edition: October 2011
Information in this document is subject to change
without notice and becomes contractual only after
written confirmation by Saft.
Published by the Communications Department
Photo credit: Saft
15.88±0.13 mm
(0.625±0.005 in)
25.40±0.64 mm
(1.000±0.025 in)
17.45 - 19.02 mm
(0.687 - 0.749 in)
1.27±0.38 mm
(0.050±0.015 in)
Depth to Contact
11.1±0.13 mm
(0.437±0.005 in)
1.78 mm
(0.070 in)
MIN.
Typical discharge curves at 21˚C
Voltage at midlife vs. discharge rate, various temps.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
10
100
1000
Discharge Rate(mA)
-40C
-30C
-20C
0C
21C
54C
Capacity vs. discharge, various temperatures



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com