Electronic Components Datasheet Search
  English  ▼

X  

BA5567 Datasheet(PDF) 1 Page - saftbatteries

Part # BA5567
Description  3 V Primary lithium sulfur dioxide High drain capability 1/3 C-size spiral cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5567 Datasheet(HTML) 1 Page - saftbatteries

  BA5567 Datasheet HTML 1Page - saftbatteries BA5567 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3 V Primary lithium sulfur dioxide (Li-SO
2)
High drain capability
1/3 C-size spiral cell
Primary lithium battery
BA 5567
Electrical characteristics
Nominal capacity
1.0 Ah
Open circuit voltage
3 V
Nominal voltage (at 28 mA)
2.8 V
Rated capacity (at 28 mA discharge)
70˚F (21˚C)
1.0 Ah
- 20˚F (- 29˚C)
0.6 Ah
Maximum recommended continuous current
0.5 A
Storage (% of rated capacity)
1 year
70˚F (21˚C): >95%
1 month
160˚F (71˚C): >90%
Operating temperature range
- 40˚F (- 40˚C) to 160˚F (71˚C)
Physical characteristics
Diameter (maximum)
26.04 mm (1.025 in)
Height
19.02 mm (0.749 in)
Weight (maximum)
0.7 oz (20 gr)
Weight of Li
0.35 gr
Volume
0.54 in3 (8.9 cc)
References
NSN Number
6135014475082
Benefits
■ High and stable disharge voltage
■ High pulse capability
■ Performance not affected by cell
orientation
■ Long storage possible before use
■ Ability to withstand extreme
temperature
Key Features
■ Low self-discharge rate (less than 3%
after one year of storage at + 20˚C)
■ Hermetic glass-to-metal sealing
■ Flat pressure contact terminals
■ Built-in safety vent (at the negative end
of the cell)
■ UL Component Recognition (File
number MH 15076)
■ Meets shock, vibration, and other
environmental requirements of
military specifications
■ Made in the USA
Typical applications
■ Night vision
Cell size reference
1/3 um2 1/3 R14 1/3 C
Scale = 1.47 of actual size


Similar Part No. - BA5567

ManufacturerPart #DatasheetDescription
logo
saftbatteries
BA5590A SAFT-BA5590A Datasheet
218Kb / 2P
With state of charge indicator (SOCI)
BA5590U SAFT-BA5590U Datasheet
218Kb / 2P
With state of charge indicator (SOCI)
BA5599A SAFT-BA5599A Datasheet
211Kb / 2P
Li-SO2 primary battery system
BA5599U SAFT-BA5599U Datasheet
211Kb / 2P
Li-SO2 primary battery system
More results

Similar Description - BA5567

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LO40SX SAFT-LO40SX Datasheet
447Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability
LO35SX SAFT-LO35SX Datasheet
784Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability
LO26SX SAFT-LO26SX Datasheet
544Kb / 2P
3.0 V Primary lithium - sulfur dioxide High drain capability D- size spiral cell
LO26SHX SAFT-LO26SHX Datasheet
520Kb / 2P
3.0 V Primary lithium - sulfur dioxide Very high drain and pulse capability D- size spiral cell
LO25SX SAFT-LO25SX Datasheet
519Kb / 2P
3.0 V Primary lithium - sulfur dioxide High drain capability
LM33550 SAFT-LM33550 Datasheet
343Kb / 2P
3 V Primary lithium-manganese dioxide High power D-size spiral cell
G523 SAFT-G523 Datasheet
447Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability C-size spiral cell
G062 SAFT-G062 Datasheet
330Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability AA- size spiral cell
G043 SAFT-G043 Datasheet
548Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability 1/2 AA- size spiral cell
G26 SAFT-G26 Datasheet
657Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability D- size spiral cell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com