Electronic Components Datasheet Search
  English  ▼

X  

AD7653 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7653
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653 Datasheet(HTML) 4 Page - Analog Devices

  AD7653 Datasheet HTML 1Page - Analog Devices AD7653 Datasheet HTML 2Page - Analog Devices AD7653 Datasheet HTML 3Page - Analog Devices AD7653 Datasheet HTML 4Page - Analog Devices AD7653 Datasheet HTML 5Page - Analog Devices AD7653 Datasheet HTML 6Page - Analog Devices AD7653 Datasheet HTML 7Page - Analog Devices AD7653 Datasheet HTML 8Page - Analog Devices AD7653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7622
Rev. 0 | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
REFBUFIN Output Voltage
REFBUFIN @ 25°C
1.19
V
REFBUFIN Output Resistance
6.33
kΩ
EXTERNAL REFERENCE
PDREF = PDBUF = high
Voltage Range
REF
1.8
2.5
AVDD + 0.1
V
Current Drain
2 MSPS throughput
150
μA
REFERENCE BUFFER
PDREF = high, PDBUF = low
REFBUFIN Input Voltage Range
REF = 2.048 V typ
1.05
1.2
1.30
V
REFBUFIN Input Current
REFBUFIN = 1.2 V
1
nA
TEMPERATURE PIN
Voltage Output
@ 25°C
278
mV
Temperature Sensitivity
1
mV/°C
Output Resistance
4.7
kΩ
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.6
V
VIH
1.7
5.25
V
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format7
Pipeline Delay8
VOL
ISINK = 500 μA
0.4
V
VOH
ISOURCE = −500 μA
OVDD − 0.3
V
POWER SUPPLIES
Specified Performance
AVDD
2.37
2.5
2.63
V
DVDD
2.37
2.5
2.63
V
OVDD
2.309
3.6
V
Operating Current10
2 MSPS throughput
AVDD11
With internal reference
24
mA
AVDD
Without internal reference
23
mA
DVDD
2.5
mA
OVDD12
1
mA
Power Dissipation11
With Internal Reference10
2 MSPS throughput
70
85
mW
Without Internal Reference10
2 MSPS throughput
65
80
mW
In Power-Down Mode12
PD = high
2
μW
TEMPERATURE RANGE13
Specified Performance
TMIN to TMAX
−40
+85
°C
1 When using an external reference. With the internal reference, the input range is −0.1 V to VREF.
2 See Analog Inputs section.
3 Linearity is tested using endpoints, not best fit.
4 LSB means least significant bit. With the ±2.048 V input range, 1 LSB is 62.5 μV.
5 See Voltage Reference Input section. These specifications do not include the error contribution from the external reference.
6 All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full-scale, unless otherwise specified.
7 Parallel or serial 16-bit.
8 Conversion results are available immediately after completed conversion.
9 See the Absolute Maximum Ratings section.
10 In wideband and warp modes. Tested in parallel reading mode.
11 With internal reference, PDREF and PDBUF are low; without internal reference, PDREF and PDBUF are high.
12 With all digital inputs forced to OVDD.
13 Consult sales for extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com