Electronic Components Datasheet Search
  English  ▼

X  

AD7653 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7653
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653 Datasheet(HTML) 3 Page - Analog Devices

  AD7653 Datasheet HTML 1Page - Analog Devices AD7653 Datasheet HTML 2Page - Analog Devices AD7653 Datasheet HTML 3Page - Analog Devices AD7653 Datasheet HTML 4Page - Analog Devices AD7653 Datasheet HTML 5Page - Analog Devices AD7653 Datasheet HTML 6Page - Analog Devices AD7653 Datasheet HTML 7Page - Analog Devices AD7653 Datasheet HTML 8Page - Analog Devices AD7653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7622
Rev. 0 | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = 2.5 V; OVDD = 2.3 V to 3.6 V; VREF = 2.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN+ − VIN−
−VREF
+VREF
V
Operating Input Voltage
VIN+, VIN− to AGND
−0.1
AVDD1
V
Analog Input CMRR
fIN = 100 kHz
58
dB
Input Current
2 MSPS throughput
3.5
μA
Input Impedance2
THROUGHPUT SPEED
Complete Cycle
Wideband warp, warp modes
500
ns
Throughput Rate
Wideband warp, warp modes
0.001
2
MSPS
Time Between Conversions
Wideband warp, warp modes
1
ms
Complete Cycle
Normal mode
667
ns
Throughput Rate
Normal mode
0
1.5
MSPS
DC ACCURACY
Integral Linearity Error3
TMIN to TMAX = −40°C to +85°C
−1.5
±0.5
+1.5
LSB4
No Missing Codes
16
Bits
Differential Linearity Error
−1
+1.25
LSB
Transition Noise
VREF = 2.5 V
0.5
LSB
Transition Noise
VREF = 2.048 V
0.6
LSB
Zero Error, TMIN to TMAX5
−10
+10
LSB
Zero Error Temperature Drift
±0.5
ppm/°C
Gain Error, TMIN to TMAX5
−8
+8
LSB
Gain Error Temperature Drift
±0.5
ppm/°C
Power Supply Sensitivity
AVDD = 2.5 V ± 5%
±4
LSB
AC ACCURACY
Dynamic Range
VREF = 2.5 V
91.5
92.5
dB6
Signal-to-Noise
fIN = 20 kHz, VREF = 2.5 V
91
92
dB
fIN = 20 kHz, VREF = 2.048 V
89.5
90.5
dB
fIN = 100 kHz, VREF = 2.5 V
91
dB
Spurious-Free Dynamic Range
fIN = 20 kHz, VREF = 2.5 V
117
dB
fIN = 20 kHz, VREF = 2.048 V
110
dB
fIN = 100 kHz, VREF = 2.5 V
101
dB
Total Harmonic Distortion
fIN = 20 kHz, VREF = 2.5 V
−115
dB
fIN = 20 kHz, VREF = 2.048 V
−109
dB
fIN = 100 kHz, VREF = 2.5 V
−100
dB
Signal-to-(Noise + Distortion)
fIN = 20 kHz, VREF = 2.5 V
91
92
dB
fIN = 20 kHz, VREF = 2.048 V
89.5
90.5
dB
fIN = 100 kHz, VREF = 2.5 V
91
dB
−3 dB Input Bandwidth
50
MHz
SAMPLING DYNAMICS
Aperture Delay
1
ns
Aperture Jitter
5
ps rms
Transient Response
Full-scale step
140
ns
INTERNAL REFERENCE
PDREF = PDBUF = low
Output Voltage
REF @ 25°C
2.038
2.048
2.058
V
Temperature Drift
−40°C to +85°C
±8
ppm/°C
Line Regulation
AVDD = 2.5 V ± 5%
±15
ppm/V
Turn-On Settling Time
CREF = 10 μF
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com