Electronic Components Datasheet Search
  English  ▼

X  

AD7665 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7665
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7665 Datasheet HTML 8Page - Analog Devices AD7665 Datasheet HTML 9Page - Analog Devices AD7665 Datasheet HTML 10Page - Analog Devices AD7665 Datasheet HTML 11Page - Analog Devices AD7665 Datasheet HTML 12Page - Analog Devices AD7665 Datasheet HTML 13Page - Analog Devices AD7665 Datasheet HTML 14Page - Analog Devices AD7665 Datasheet HTML 15Page - Analog Devices AD7665 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7622
Rev. 0 | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
1.50
–0.50
0
0.50
1.00
–1.50
–1.00
0
16384
32768
49152
65536
CODE
POSITIVE INL = +0.43 LSB
NEGATIVE INL = –0.49 LSB
Figure 6. Integral Nonlinearity vs. Code
00
44
76
00
50000
0
100000
150000
200000
250000
7FF8 7FF9 7FFA 7FFB 7FFC 7FFD 7FFE 7FFF 8000
27695
196433
CODES IN HEX
σ = 0.5
VREF = 2.5V
36872
Figure 7. Histogram of 261,120 Conversions of a DC Input at
the Code Center (External Reference)
TEMPERATURE (°C)
2.0470
2.0472
2.0474
2.0476
2.0478
2.0480
2.0482
2.0484
2.0486
–55
–35
–15
5
25
45
65
85
105
125
Figure 8. Typical Reference Voltage Output vs. Temperature (2 Units)
1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
0
16384
32768
49152
65536
CODE
Figure 9. Differential Nonlinearity vs. Code
00
784
37789
457
10
0
40000
80000
120000
160000
200000
7FF8 7FF9 7FFA 7FFB 7FFC 7FFD 7FFE 7FFF 8000
50640
171449
CODES IN HEX
σ = 0.5
VREF = 2.048V
Figure 10. Histogram of 261,120 Conversions of a DC Input at
the Code Center (Internal Reference)
TEMPERATURE (°C)
–4
–3
–2
–1
0
1
2
3
4
–55
–35
–15
5
25
45
65
85
105
125
ZERO ERROR
GAIN ERROR
Figure 11. Zero Error, Gain Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com