Electronic Components Datasheet Search
  English  ▼

X  

AD7665 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7665
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7665 Datasheet HTML 13Page - Analog Devices AD7665 Datasheet HTML 14Page - Analog Devices AD7665 Datasheet HTML 15Page - Analog Devices AD7665 Datasheet HTML 16Page - Analog Devices AD7665 Datasheet HTML 17Page - Analog Devices AD7665 Datasheet HTML 18Page - Analog Devices AD7665 Datasheet HTML 19Page - Analog Devices AD7665 Datasheet HTML 20Page - Analog Devices AD7665 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7622
Rev. 0 | Page 17 of 28
TYPICAL CONNECTION DIAGRAM
Figure 24 shows a typical connection diagram for the AD7622.
Different circuitry shown in this diagram is optional and is
discussed in the following sections.
ANALOG INPUTS
Figure 25 shows an equivalent circuit of the input structure of
the AD7622.
The two diodes, D1 and D2, provide ESD protection for the
analog inputs IN+ and IN−. Care must be taken to ensure that
the analog input signal never exceeds the supply rails by more
than 0.3 V, because this causes the diodes to become forward-
biased and to start conducting current. These diodes can handle
a forward-biased current of 100 mA maximum. For instance,
these conditions could eventually occur when the input buffer’s
U1 or U2 supplies are different from AVDD. In such a case, an
input buffer with a short-circuit current limitation can be used
to protect the part.
D1
RIN
CIN
D2
IN+ OR IN–
AGND
AVDD
CPIN
Figure 25. AD7622 Simplified Analog Input
The analog input of the AD7622 is a true differential structure.
By using this differential input, small signals common to both
inputs are rejected, as shown in Figure 26, representing the
typical CMRR over frequency with internal and external references.
75
45
1
10000
FREQUENCY (kHz)
10
100
1000
50
55
60
65
70
INT REF
EXT REF
Figure 26. Analog Input CMRR vs. Frequency
During the acquisition phase for ac signals, the impedance of
the analog inputs, IN+ and IN−, can be modeled as a parallel
combination of capacitor CPIN and the network formed by the
series connection of RIN and CIN. CPIN is primarily the pin
capacitance. RIN is typically 175 Ω and is a lumped component
comprised of some serial resistors and the on resistance of the
switches. CIN is typically 12 pF and is mainly the ADC sampling
capacitor. During the conversion phase, when the switches are
opened, the input impedance is limited to CPIN. RIN and CIN
make a 1-pole, low-pass filter that has a typical −3 dB cutoff
frequency of 50 MHz, thereby reducing an undesirable aliasing
effect and limiting the noise coming from the inputs.
Because the input impedance of the AD7622 is very high, the
AD7622 can be directly driven by a low impedance source
without gain error. To further improve the noise filtering achieved
by the AD7622’s analog input circuit, an external 1-pole RC
filter between the amplifier’s outputs and the ADC analog
inputs can be used, as shown in Figure 24. However, large source
impedances significantly affect the ac performance, especially
the total harmonic distortion (THD). The maximum source
impedance depends on the amount of THD that can be
tolerated. The THD degrades as a function of the source
impedance and the maximum input frequency, as shown in
Figure 27.
–60
–105
1
1000
10
100
–95
–85
–75
–65
–100
–90
–80
–70
INPUT FREQUENCY (kHz)
RS = 500Ω
RS = 100Ω
RS = 50Ω
RS = 15Ω
Figure 27. THD vs. Analog Input Frequency and Source Resistance
MULTIPLEXED INPUTS
When using the full 2 MSPS throughput in multiplexed
applications for a full-scale step, the RC filter, as shown in
Figure 24, does not settle in the required acquisition time, t8.
These values are chosen to optimize the best SNR performance
of the AD7622. To use the full 2 MSPS throughput in multiplexed
applications, the RC should be adjusted to satisfy t8 (which is
~ 7 × RC time constant). However, lowering R and C increases
the RC filter bandwidth and allows more noise into the AD7622,
which degrades SNR. To preserve the SNR performance in these
applications using the RC filter shown in Figure 24, the AD7622
should be run with t8 > 280 ns; or approximately 1/(t7 + t8) ~
1.55 MSPS in wideband and warp modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com