Electronic Components Datasheet Search
  English  ▼

X  

AD7679 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7679
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7679 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7679 Datasheet HTML 11Page - Analog Devices AD7679 Datasheet HTML 12Page - Analog Devices AD7679 Datasheet HTML 13Page - Analog Devices AD7679 Datasheet HTML 14Page - Analog Devices AD7679 Datasheet HTML 15Page - Analog Devices AD7679 Datasheet HTML 16Page - Analog Devices AD7679 Datasheet HTML 17Page - Analog Devices AD7679 Datasheet HTML 18Page - Analog Devices AD7679 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7622
Rev. 0 | Page 15 of 28
APPLICATIONS INFORMATION
SW+
COMP
SW–
IN+
REF
REFGND
LSB
MSB
32,768C 16,384C
4C
2C
C
C
SWITCHES
CONTROL
CONTROL
LOGIC
BUSY
OUTPUT
CODE
CNVST
IN–
32,768C 16,384C
4C
2C
C
C
LSB
MSB
AGND
AGND
Figure 22. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7622 is a very fast, low power, single-supply, precise
16-bit ADC using successive approximation architecture. The
AD7622 features different modes to optimize performances
according to the applications. In warp mode, the AD7622 is
capable of converting 2,000,000 samples per second (2 MSPS).
The AD7622 provides the user with an on-chip track-and-hold,
successive approximation ADC that does not exhibit any
pipeline or latency, making it ideal for multiple multiplexed
channel applications.
The AD7622 can operate from a single 2.5 V supply and
interface to either 5 V, 3.3 V, or 2.5 V digital logic. It is housed
in a 48-lead LQFP package or a tiny 48-lead LFCSP package,
which combines space savings with flexibility and allows the
AD7622 to be configured as either a serial or a parallel
interface. The AD7622 is pin-to-pin compatible with other
PulSAR ADC’s and is a speed upgrade of the AD7677.
CONVERTER OPERATION
The AD7622 is a successive approximation ADC based on a
charge redistribution DAC. Figure 22 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 16 binary weighted capacitors that are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to AGND via SW+ and SW−.
All independent switches are connected to the analog inputs.
Therefore, the capacitor arrays are used as sampling capacitors
and acquire the analog signal on the IN+ and IN− inputs. A
conversion phase is initiated once the acquisition phase is complete
and the CNVST input goes low. When the conversion phase
begins, SW+ and SW− are opened first. The two capacitor
arrays are then disconnected from the inputs and connected to
the REFGND input. Therefore, the differential voltage between
the inputs (IN+ and IN−) captured at the end of the acquisition
phase is applied to the comparator inputs, causing the
comparator to become unbalanced. By switching each element
of the capacitor array between REFGND and REF, the comparator
input varies by binary weighted voltage steps (VREF/2, VREF/4
throughVREF/65536). The control logic toggles these switches,
starting with the MSB first, to bring the comparator back into a
balanced condition. After the completion of this process, the
control logic generates the ADC output code and brings BUSY
output low.
MODES OF OPERATION
The AD7622 features three modes of operations: wideband
warp, warp, and normal. Each of these modes is more suitable
for specific applications.
The wideband warp (WARP = high, NORMAL = high) and
warp (WARP = high, NORMAL = low) modes allow the fastest
conversion rate of up to 2 MSPS. However, in these modes, the
full specified accuracy is guaranteed only when the time between
conversions does not exceed 1 ms. If the time between two
consecutive conversions is longer than 1 ms (for instance after
power-up), the first conversion result should be ignored. These
modes make the AD7622 ideal for applications where both high
accuracy and fast sample rates are required. Wideband warp
mode offers slightly improved linearity and THD over warp mode.
Normal mode (NORMAL = low, WARP = low) is the fastest
mode (1.5 MSPS) without any limitation on time between
conversions. This mode makes the AD7622 ideal for
asynchronous applications, such as data acquisition systems,
where both high accuracy and fast sample rates are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com