Electronic Components Datasheet Search
  English  ▼

X  

AD7679 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7679
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7679 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7679 Datasheet HTML 20Page - Analog Devices AD7679 Datasheet HTML 21Page - Analog Devices AD7679 Datasheet HTML 22Page - Analog Devices AD7679 Datasheet HTML 23Page - Analog Devices AD7679 Datasheet HTML 24Page - Analog Devices AD7679 Datasheet HTML 25Page - Analog Devices AD7679 Datasheet HTML 26Page - Analog Devices AD7679 Datasheet HTML 27Page - Analog Devices AD7679 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD7622
Rev. 0 | Page 27 of 28
APPLICATION HINTS
LAYOUT
While the AD7622 has very good immunity to noise on the
power supplies, exercise care with the grounding layout. To
facilitate the use of ground planes that can be easily separated,
design the printed circuit board that houses the AD7622 so that
the analog and digital sections are separated and confined to
certain areas of the board. Digital and analog ground planes
should be joined in only one place, preferably underneath the
AD7622, or as close as possible to the AD7622. If the AD7622 is
in a system where multiple devices require analog-to-digital
ground connections, the connections should still be made at
one point only, a star ground point, established as close as
possible to the AD7622.
To prevent coupling noise onto the die, avoid radiating noise,
and reduce feedthrough:
• Do not run digital lines under the device.
• Run the analog ground plane under the AD7622.
• Shield fast switching signals, like CNVST or clocks, with
digital ground to avoid radiating noise to other sections of
the board, and never run them near analog signal paths.
• Avoid crossover of digital and analog signals.
• Run traces on different but close layers of the board, at right
angles to each other, to reduce the effect of feedthrough
through the board.
The power supply lines to the AD7622 should use as large a
trace as possible to provide low impedance paths and reduce the
effect of glitches on the power supply lines. Good decoupling is
also important to lower the impedance of the supplies presented
to the AD7622, and to reduce the magnitude of the supply
spikes. Decoupling ceramic capacitors, typically 100 nF, should
be placed on each of the power supplies pins, AVDD, DVDD,
and OVDD. The capacitors should be placed close to, and
ideally right up against, these pins and their corresponding
ground pins. Additionally, low ESR 10 μF capacitors should be
located in the vicinity of the ADC to further reduce low
frequency ripple.
The DVDD supply of the AD7622 can be either a separate
supply or come from the analog supply, AVDD, or from the
digital interface supply, OVDD. When the system digital supply
is noisy, or fast switching digital signals are present, and no
separate supply is available, it is recommended to connect the
DVDD digital supply to the analog supply AVDD through an
RC filter, and to connect the system supply to the interface
digital supply OVDD and the remaining digital circuitry. Refer
to Figure 24 for an example of this configuration. When DVDD
is powered from the system supply, it is useful to insert a bead
to further reduce high frequency spikes.
The AD7622 has four different ground pins: REFGND, AGND,
DGND, and OGND. REFGND senses the reference voltage and,
because it carries pulsed currents, should have a low impedance
return to the reference. AGND is the ground to which most
internal ADC analog signals are referenced; it must be connected
with the least resistance to the analog ground plane. DGND
must be tied to the analog or digital ground plane depending on the
configuration. OGND is connected to the digital system ground.
The layout of the decoupling of the reference voltage is
important. To minimize parasitic inductances, place the
decoupling capacitor close to the ADC and connect it with
short, thick traces.
EVALUATING THE AD7622 PERFORMANCE
A recommended layout for the AD7622 is outlined in the
documentation of the EVAL-AD7622-CB evaluation board for
the AD7622. The evaluation board package includes a fully
assembled and tested evaluation board, documentation, and
software for controlling the board from a PC via the EVAL-
CONTROL BRD3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com