Electronic Components Datasheet Search
  English  ▼

X  

MP38115 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP38115
Description  Ultra Low Voltage, 4A, 5.5V Synchronous Step-Down Switching Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38115 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP38115 Datasheet HTML 2Page - Monolithic Power Systems MP38115 Datasheet HTML 3Page - Monolithic Power Systems MP38115 Datasheet HTML 4Page - Monolithic Power Systems MP38115 Datasheet HTML 5Page - Monolithic Power Systems MP38115 Datasheet HTML 6Page - Monolithic Power Systems MP38115 Datasheet HTML 7Page - Monolithic Power Systems MP38115 Datasheet HTML 8Page - Monolithic Power Systems MP38115 Datasheet HTML 9Page - Monolithic Power Systems MP38115 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP38115 – 4A, 5.5V SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
MP38115 Rev. 0.92
www.MonolithicPower.com
6
8/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The external resistor divider sets the output
voltage (see Page 1, Schematic Diagram). The
feedback resistor R1 also sets the feedback loop
bandwidth with the internal compensation (refer
to description function). The relation between R1
and feedback loop bandwidth (fC), output
capacitance (CO) is as follows:
)
F
(
C
)
KHz
(
fc
10
24
.
1
)
K
(
1
R
O
6
μ
×
×
=
Ω
The feedback loop bandwidth (fC) is no higher
than 1/10th of switching frequency of MP2107. In
the case of ceramic capacitor as CO, it is usually
set in the range of 50KHz and 150KHz for
optimal transient performance and good phase
margin. If an electrolytic capacitor is used, the
loop bandwidth is no higher than 1/4 of the ESR
zero frequency (fESR). fESR is given by:
ESR
ESR
O
1
f
2R
C
=
π×
×
For example, choose fC=70KHz with a ceramic
capacitor, CO=47μF, R1 is estimated to be
400KΩ. R2 is then given by:
OUT
R1
R2 =
V
-1
0.8V
Table 1—Resistor Selection vs.
Output Voltage Setting
Vout
R1
R2
L
Cout
(Ceramic)
1.2V
400kΩ
806kΩ
0.47μH-1μH
47μF
1.5V
400kΩ
453kΩ
0.47μH-1μH
47μF
1.8V
400kΩ
316kΩ
0.47μH-1μH
47μF
2.5V
400kΩ
187kΩ
0.47μH-1μH
47μF
3.3V
400kΩ
127kΩ
0.47μH-1μH
47μF
Inductor Selection
A 0.47µH to 1µH inductor with DC current rating at
least 25% higher than the maximum load current is
recommended for most applications. For best
efficiency, the inductor DC resistance shall be
<10mΩ. See Table 2 for recommended inductors
and manufacturers. For most designs, the
inductance value can be derived from the following
equation:
OUT
IN
OUT
IN
L
OSC
Vx(V - V
)
L=
VxΔIxf
where ∆IL is Inductor Ripple Current. Choose
inductor ripple current approximately 30% of the
maximum load current, 4A.
The maximum inductor peak current is:
L
L(MAX)
LOAD
ΔI
I= I
+
2
Under light load conditions, larger inductance is
recommended for improved efficiency.
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and the switching noise
from the device. The input capacitor impedance
at the switching frequency shall be less than
input
source
impedance
to
prevent
high
frequency switching current passing to the input
source. Ceramic capacitors with X5R or X7R
dielectrics are highly recommended because of
their low ESR and small temperature coefficients.
For most applications, a 47µF capacitor is
sufficient.
Output Capacitor Selection
The output capacitor keeps output voltage ripple
small and ensures a stable regulation loop. The
output capacitor impedance shall be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. The
output ripple ∆VOUT is approximately:
Δ≤
OUT
IN
OUT
OUT
IN
OSC
OSC
3
Vx(V - V
)
1
V
x(ESR +
)
V xf
xL
8xf
xC
External Schottky Diode
For this part, an external schottky diode is
recommended to be placed close to "SW" and
"GND" pins, especially when the output current is
larger than 2A.
With the external schottky diode, the voltage
spike and negative kick on "SW" pin can be
minimized; moreover, the conversion efficiency
can also be improved a little.
For the external schottky diode selection, it's
noteworthy that the maximum reverse voltage
rating of the external diode should be larger than
the maximum input voltage. As for the current
rating of this diode, 0.5A rating should be
sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com