Electronic Components Datasheet Search
  English  ▼

X  

MP38115 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP38115
Description  Ultra Low Voltage, 4A, 5.5V Synchronous Step-Down Switching Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38115 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP38115 Datasheet HTML 2Page - Monolithic Power Systems MP38115 Datasheet HTML 3Page - Monolithic Power Systems MP38115 Datasheet HTML 4Page - Monolithic Power Systems MP38115 Datasheet HTML 5Page - Monolithic Power Systems MP38115 Datasheet HTML 6Page - Monolithic Power Systems MP38115 Datasheet HTML 7Page - Monolithic Power Systems MP38115 Datasheet HTML 8Page - Monolithic Power Systems MP38115 Datasheet HTML 9Page - Monolithic Power Systems MP38115 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP38115 – 4A, 5.5V SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
MP38115 Rev. 0.92
www.MonolithicPower.com
9
8/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
BS
IN
Vcc
SW
EN/SYNC
FB
GND
MP38115
4,7
5
3,8
1
2,9
6
10
Vin
2.7V to 5.5V
Vout
1.8V/4A
C3
47uF
R1
400k
R2
316k
L1
1uH
C4
100nF
C2
22uF
R3
100k
R4
10
C4
1uF
D1
B0530
C1
22uF
Figure3—Typical Application Circuit of MP38115



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com