Electronic Components Datasheet Search
  English  ▼

X  

MP38870 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP38870
Description  3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38870 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP38870 Datasheet HTML 1Page - Monolithic Power Systems MP38870 Datasheet HTML 2Page - Monolithic Power Systems MP38870 Datasheet HTML 3Page - Monolithic Power Systems MP38870 Datasheet HTML 4Page - Monolithic Power Systems MP38870 Datasheet HTML 5Page - Monolithic Power Systems MP38870 Datasheet HTML 6Page - Monolithic Power Systems MP38870 Datasheet HTML 7Page - Monolithic Power Systems MP38870 Datasheet HTML 8Page - Monolithic Power Systems MP38870 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP38870
3A, 14V, 600KHz Step-Down Converter
with Synchronizable Gate Driver
MP38870 Rev. 1.1
www.MonolithicPower.com
1
10/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP38870 is a monolithic step-down switch
mode converter with a built in internal high-side
power MOSFET. It achieves 3A continuous
output current over a wide input supply range
with excellent load and line regulation.
Current mode operation provides fast transient
response and reliable over current protection.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP38870 requires a minimum number of
readily available standard external components
and is available in a space saving 3mm x 4mm
14-pin QFN package.
FEATURES
• Wide 4.5V to 14V Operating Input Range
• 3A Continuous Output Current
• 80mΩ Internal Power MOSFET Switch
• Power Good Indicator
• Synchronous Gate Driver Delivers up to
95% Efficiency
• Fixed 600KHz Frequency
• External Synchronous Option: 250kHz-
1.5MHz
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown
• Output Adjustable from 0.8V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in a 3mm x 4mm 14-Pin QFN
Package
APPLICATIONS
•
Point of Load Regulator in Distributed
Power System
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Broadband Communications
•
Flat Panel Television and Monitors
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
SW
BG
FB
BST
8, 9, 10
13
1
14
11
GND
IN
VCC
EN/SYNC
VOUT
3.3V @ 3A
VIN
PG
4, 5, 6
12
3
2
OFF ON
70
65
60
75
80
85
90
95
100
OUTPUT CURRENT (A)
Efficiency vs.
Output Current
012
3
4
VOUT=3.3V
VIN=5V
VIN=12V


Similar Part No. - MP38870

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38872DL MPS-MP38872DL Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38873 MPS-MP38873 Datasheet
387Kb / 14P
15A, 16V, High Frequency Step-Down Converter with Synchronous Gate Driver
MP38873DL MPS-MP38873DL Datasheet
387Kb / 14P
15A, 16V, High Frequency Step-Down Converter with Synchronous Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
More results

Similar Description - MP38870

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8352 MPS-MP8352 Datasheet
341Kb / 12P
3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8675 MPS-MP8675 Datasheet
556Kb / 11P
6A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP8676 MPS-MP8676 Datasheet
387Kb / 10P
4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38894 MPS-MP38894 Datasheet
405Kb / 10P
4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP8768 MPS-MP8768 Datasheet
387Kb / 13P
8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com