Electronic Components Datasheet Search
  English  ▼

X  

MP38873 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP38873
Description  15A, 16V, High Frequency Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38873 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP38873 Datasheet HTML 1Page - Monolithic Power Systems MP38873 Datasheet HTML 2Page - Monolithic Power Systems MP38873 Datasheet HTML 3Page - Monolithic Power Systems MP38873 Datasheet HTML 4Page - Monolithic Power Systems MP38873 Datasheet HTML 5Page - Monolithic Power Systems MP38873 Datasheet HTML 6Page - Monolithic Power Systems MP38873 Datasheet HTML 7Page - Monolithic Power Systems MP38873 Datasheet HTML 8Page - Monolithic Power Systems MP38873 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP38873 – 15A, 16V, HIGH FREQUENCY STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38873 Rev. 0.9
www.MonolithicPower.com
2
9/17/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
PIN 1 ID
1
2
3
4
5
6
7
VCC
SYNCOUT
SYNCIN
EN
SS/TRK
FB
COMP
17
16
15
14
13
12
11
SW
VIN
PG BST VIN
GND GATE VIN
89
10
20
19
18
Part Number*
Package
MP38873DL
3mm x 4mm QFN20
Temperature
Top Marking
–40
°C to +85°C
38873
* For Tape & Reel, add suffix –Z (e.g. MP38873DL–Z)
For RoHS compliant packaging, add suffix –LF
(e.g. MP38873DL–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN....................................... 18V
VSW....................... –0.3V (-5V for < 10ns) to 19V
VBS ....................................................... VSW + 6V
All Other Pins................................. –0.3V to +6V
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65
°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN........................... 4.5V to 16V
Output Voltage VOUT ................... 0.8V to VIN -4V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
QFN20 (3mm x 4mm)............. 48 ...... 11...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on JESD51-7, 4-layer PCB.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 16V
0.794
0.810
0.826
V
Feedback Current
IFB
VFB = 0.8V
10
nA
Switch On Resistance
(4)
RDS(ON)
25
mΩ
Switch Leakage
VEN = 0V, VSW = 0V
0.1
10
μA
Current Limit
(4)
21
A
Oscillator Frequency
fSW
VFB = 0.6V, SYNCIN = 5V
400
KHz
Fold-back Frequency
VFB = 0V
100
KHz
Maximum Duty Cycle
VFB = 0.6V
90
%
Minimum On Time
(4)
tON
100
ns
Soft-Start Charging Current
ISS
VSS = 0V
8
μA
Maximum COMP Level
VCOMP_MAX VFB = 0.6V
4.4
V
Gain of Error Amplifier
GEA
VCOMP = 1.5V
2
mA/V
Error Amplifier Sink Current
VCOMP = 1.5V
–270
μA
Error Amplifier Source Current
VCOMP = 1.5V
+270
μA
Power Good Ramp Up Threshold
90
%
Power Good Ramp Down Threshold
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com