Electronic Components Datasheet Search
  English  ▼

X  

MP38873 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP38873
Description  15A, 16V, High Frequency Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38873 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP38873 Datasheet HTML 6Page - Monolithic Power Systems MP38873 Datasheet HTML 7Page - Monolithic Power Systems MP38873 Datasheet HTML 8Page - Monolithic Power Systems MP38873 Datasheet HTML 9Page - Monolithic Power Systems MP38873 Datasheet HTML 10Page - Monolithic Power Systems MP38873 Datasheet HTML 11Page - Monolithic Power Systems MP38873 Datasheet HTML 12Page - Monolithic Power Systems MP38873 Datasheet HTML 13Page - Monolithic Power Systems MP38873 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP38873 – 15A, 16V, HIGH FREQUENCY STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38873 Rev. 0.9
www.MonolithicPower.com
12
9/17/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
Bottom Layer
Figure 4—PCB Layout
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator. The applicable
conditions of external BST diode are:
VOUT=5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the output of the voltage
regulator to BST pin, as shown in Figure.5
MP38873
SW
BST
C
L
BST
C
5V or 3.3V
OUT
External BST Diode
IN4148
+
Figure 5—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1~1µF.
Output Voltage Tracking and Sequencing
The MP38873 allows the user to program how
its output voltage ramps during startup by
means of the SS pin. Through this pin, the
output
voltage
can
be
set
to
either
coincidentally or rationally track another output
voltage, as shown below.
MP38873
FB
SW
SS
L1
R1
R1
R2
VOUT2
R2
VOUT2
VOUT2
VOUT1
VOUT1
COUT1
VOUT1
MP38873
FB
SW
SS
L2
R3
R4
R2 = R4
(a) Coincidentally Tracking
(a) Rationally Tracking
R3 > R1
COUT2
VOUT2
MP38873
FB
SW
SS
L1
R1
R2
COUT1
VOUT1
MP38873
FB
SW
SS
L2
R3
R4
R2 = R4
R3 > R1
COUT2
VOUT2
Figure 6—Output Voltage Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com