Electronic Components Datasheet Search
  English  ▼

X  

MP38875DL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP38875DL
Description  15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38875DL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP38875DL Datasheet HTML 1Page - Monolithic Power Systems MP38875DL Datasheet HTML 2Page - Monolithic Power Systems MP38875DL Datasheet HTML 3Page - Monolithic Power Systems MP38875DL Datasheet HTML 4Page - Monolithic Power Systems MP38875DL Datasheet HTML 5Page - Monolithic Power Systems MP38875DL Datasheet HTML 6Page - Monolithic Power Systems MP38875DL Datasheet HTML 7Page - Monolithic Power Systems MP38875DL Datasheet HTML 8Page - Monolithic Power Systems MP38875DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP38875 – 15A, 16V, 800kHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38875 Rev. 0.9
www.MonolithicPower.com
4
11/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VCC
BG Driver Bias Supply. Decouple with a 1µF ceramic capacitor.
2
SYNCOUT
Timing output to drive another MP38875 (or similar device) SYNCIN for phase-shift
operation.
3
SYNCIN
External Frequency Synchronization. Connect to GND if not used.
4
EN
On/Off Control.
5
SS/TRK
Soft-Start/Track Input. Connect a capacitor to ground.
6
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin,
sets the output voltage. To prevent current limit run away during a short circuit fault
condition the frequency foldback comparator lowers the oscillator frequency when the
FB voltage is below 400mV.
7
COMP
Compensation. Connect R/C network to ground.
8
PG
Power Good Indicator. Connect this pin to VCC or VOUT by a 100kΩ pull-up resistor.
The output of this pin is an open drain if the output voltage is within 10% of the
nominal voltage, otherwise it is LOW. If PG is initially at open drain, there is a 20µs
delay to pull PG if the output voltage is less than 10% regulation window.
9
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BS pins to form a floating supply across the
power switch driver.
10, 18,
Exposed Pad
VIN
Supply Voltage. The MP38875 operates from a +4.5V to +16V unregulated input. C1
is needed to prevent large voltage spikes from appearing at the input.
11-17
SW
Switch Output. These pins are fused together.
19
GATE
Gate Driver Output. Connect this pin to the synchronous MOSFET.
20
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com