Electronic Components Datasheet Search
  English  ▼

X  

MP38875DL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP38875DL
Description  15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38875DL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP38875DL Datasheet HTML 1Page - Monolithic Power Systems MP38875DL Datasheet HTML 2Page - Monolithic Power Systems MP38875DL Datasheet HTML 3Page - Monolithic Power Systems MP38875DL Datasheet HTML 4Page - Monolithic Power Systems MP38875DL Datasheet HTML 5Page - Monolithic Power Systems MP38875DL Datasheet HTML 6Page - Monolithic Power Systems MP38875DL Datasheet HTML 7Page - Monolithic Power Systems MP38875DL Datasheet HTML 8Page - Monolithic Power Systems MP38875DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP38875
15A, 16V, 800kHz Step-Down
Converter with Synchronous Gate Driver
MP38875 Rev. 0.9
www.MonolithicPower.com
1
11/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP38875 is a monolithic step-down switch
mode converter with a built in internal power
MOSFET. It achieves 15A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP38875 requires a minimum number of
readily available standard external components
and is available in a 20-pin 3mm x 4mm QFN
package.
The MP38875 is ideal for a wide range of
applications including distributed power systems,
pre-regulator for linear regulators, compact DC-
DC regulators for PCB space limited platforms.
FEATURES
• Wide 4.5V to 16V Operating Input Range
• 15A Output Current
• 25mΩ Internal Power MOSFET Switch
• Synchronous Gate Driver
• Synch from 300KHz to > 1MHz External Clock or
800KHz Fixed Switching Frequency
• Synch Output to Drive Another Regulator in
Phase-Shift Operation
• Feedback Voltage Accuracy: 2%
• Programmable Soft-Start
• Startup Tracking
• EN and Power Good for Power Sequencing
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown
• Output Adjustable from 0.8V to 12V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in a 3mm x 4mm QFN Package
APPLICATIONS
•
Distributed Power Systems
•
Pre-Regulator for Linear Regulators
•
Compact DC-DC Regulator for PCB Space
Limited Platforms
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP38875
SW
BG
FB
BST
GND
IN
VCC
COMP
PG
EN
VOUT
1.8V/15A
VIN
OFF ON
VCC
R3
C1
22uF
25V
C2
100uF
6.3V
CB
1uF
L1
0.72uH
C3
C6
System
SS/TRK
SYNCIN
SYNCOUT
IOUT (A)
Efficiency vs. Output Current
VIN=12V,VO=1.8V
20
30
40
50
60
70
80
90
100
02
46
8 10 12 14 16


Similar Part No. - MP38875DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870DL MPS-MP38870DL Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38872DL MPS-MP38872DL Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38873 MPS-MP38873 Datasheet
387Kb / 14P
15A, 16V, High Frequency Step-Down Converter with Synchronous Gate Driver
More results

Similar Description - MP38875DL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
2A, 18V, 800kHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8652 MPS-MP8652 Datasheet
424Kb / 14P
15A, 14V, High Frequency Step-Down Converter with Synchronous Gate Driver
MP38873 MPS-MP38873 Datasheet
387Kb / 14P
15A, 16V, High Frequency Step-Down Converter with Synchronous Gate Driver
MP38876 MPS-MP38876 Datasheet
411Kb / 15P
15A, 28V, High Frequency Step-Down Converter with Synchronous Gate Driver
MP2228 MPS-MP2228 Datasheet
562Kb / 16P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com