Electronic Components Datasheet Search
  English  ▼

X  

MP38891 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP38891
Description  6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38891 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP38891 Datasheet HTML 1Page - Monolithic Power Systems MP38891 Datasheet HTML 2Page - Monolithic Power Systems MP38891 Datasheet HTML 3Page - Monolithic Power Systems MP38891 Datasheet HTML 4Page - Monolithic Power Systems MP38891 Datasheet HTML 5Page - Monolithic Power Systems MP38891 Datasheet HTML 6Page - Monolithic Power Systems MP38891 Datasheet HTML 7Page - Monolithic Power Systems MP38891 Datasheet HTML 8Page - Monolithic Power Systems MP38891 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP38891 – 6A, 30V, 420kHz STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP38891 Rev.1.1
www.MonolithicPower.com
3
9/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 30V
0.795
0.808
0.821
V
Feedback Current
IFB
VFB = 0.8V
10
nA
Switch On Resistance
(5)
RDS(ON)
50
mΩ
Switch Leakage
VEN = 0V, VSW = 0V
0
10
μA
Current Limit
(5)
7.5
8.0
A
VFB = 0.6V
420
600
Oscillator Frequency
fSW
-40
°C to +85°C
650
kHz
Fold-back Frequency
VFB = 0V
115
kHz
Maximum Duty Cycle
VFB = 0.6V
85
90
%
100
120
Minimum On Time
(5)
tON
-40
°C to +85°C
135
ns
Under Voltage Lockout Threshold Rising
3.90
4.10
4.30
V
Under Voltage Lockout Threshold Hysteresis
880
mV
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.2
V
VEN = 2V
2
μA
EN Input Current
VEN = 0V
0
Sync Frequency Range (Low)
FSYNCL
300
kHz
Supply Current (Quiescent)
VEN = 2V, VFB = 1V
0.9
mA
Thermal Shutdown
150
°C
BG Driver Bias Supply Voltage
VCC
ICC = 5mA
4.5
5.0
V
Gate Driver Sink Impedance
(5)
RSINK
1
Ω
Gate Driver Source Impedance
(5)
RSOURCE
4
Ω
Gate Drive Current Sense Trip Threshold
VSW
20
mV
Power Good Threshold
0.74
V
Power Good Threshold Hysteresis
40
mV
PG Pin Level
VPG
PG Sink 4mA
0.4
V
Note:
5)
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com