Electronic Components Datasheet Search
  English  ▼

X  

MP38891 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP38891
Description  6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38891 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP38891 Datasheet HTML 5Page - Monolithic Power Systems MP38891 Datasheet HTML 6Page - Monolithic Power Systems MP38891 Datasheet HTML 7Page - Monolithic Power Systems MP38891 Datasheet HTML 8Page - Monolithic Power Systems MP38891 Datasheet HTML 9Page - Monolithic Power Systems MP38891 Datasheet HTML 10Page - Monolithic Power Systems MP38891 Datasheet HTML 11Page - Monolithic Power Systems MP38891 Datasheet HTML 12Page - Monolithic Power Systems MP38891 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP38891 – 6A, 30V, 420kHz STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP38891 Rev.1.1
www.MonolithicPower.com
12
9/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PCB Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take Figure 4 for references. 4 layers PCB layout
is recommended.
1) Keep the path of switching current short and
minimize the loop area formed by Input cap,
high-side and low-side MOSFETs.
2) Keep the connection of low-side MOSFET
between SW pin and input power ground as
short and wide as possible.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
4) Route SW away from sensitive analog areas
such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability. For single layer, do not
solder exposed pad of the IC.
GND
BST
SW
IN
PG
FB
VCC
2
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN
IN
N/ C
SW
SW
BG
C1
R3
R4
R2
R1
Cb
Rb
EN
SGND
PGND
C3
L1
C2
2
SGND
Top Layer
Inner Layer 1
2
SGND
2
SGND
Inner Layer 2
Bottom Layer
Figure 4—PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com