Electronic Components Datasheet Search
  English  ▼

X  

TCP2020 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TCP2020
Description  AC/DC Current Probes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP2020 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TCP2020 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCP2020 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCP2020 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCP2020 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
TCP0020, TCP2020, TCP202A
The TCP0020, TCP2020, and TCP202A are a family of high-performance,
easy-to-use AC/DC current probes designed for use with a variety
of oscilloscopes. The TCP0020 is designed for direct connection to
oscilloscopes with the TekVPI™ probe interface and the TCP202A is
designed for direct connection to oscilloscopes with the TekProbe™ probe
interface. The TCP2020 is designed for use with any instrument with BNC
inputs and >100 kΩ input termination.
These AC/DC current probes provide sufficient performance to support
50 MHz measurement system bandwidth. The TCP0020 and TCP2020
provide a maximum 20 ARMS measurement range, while the TCP202A
provides a maximum 15 ADC +Peak AC measurement range. These probes also
provide excellent accuracy to current levels as low as 10 mA, important for
meeting today’s challenging current measurement needs.
Characteristics
General
Characteristic
Description
Bandwidth
DC to ≥50 MHz
Rise Time
≤7ns
Max Current
20 ARMS (TCP0020 and TCP2020)
15 ADC + Peak AC (TCP202A)
Max Peak Pulse
Current
100 A (TCP0020 and TCP2020)
50 A (TCP202A)
Maximum
Sensitivity
10 mA (on oscilloscopes that support 1 mV/div setting)
Coupling
DC coupling only
Max Bare-wire
Voltage
150 V CAT II (300 V CAT II Insulated Wire)
Typical
Characteristic
Description
DC Accuracy
±1% typical, ±3% warranted
Max Amp-second
Product
1000 A*µs (TCP0020 and TCP2020)
500 A*µs (TCP202A)
Insertion Impedance 0.036 Ω at 1 MHz
0.117 Ω at 10 MHz
0.54 Ω at 50 MHz
Signal Delay
17 ns
Environmental
Characteristic
Description
Temperature
Operating
0 °C to +50 °C
Nonoperating
–40 °C to +75 °C
Humidity
Operating
5% to 95% RH, tested up to +30 °C (+86 °F)
5% to 85% RH, tested at +30 °C to +50 °C (+86 °F to
+122 °F)
Nonoperating
5% to 95% RH, tested up to +30 °C (+86 °F)
5% to 85% RH, tested at +30 °C to +75 °C (+86 °F to
+167 °F)
Regulatory
Safety
CSA1010.1:1997, CSA1010.2.032-96, IEC61010-1:2001,
IEC61010-2-032
Physical Characteristics
Probe Head Size
mm
in.
Height
30.5
1.2
Width
15.2
0.6
Length
148
5.8
Other Dimensions
m
in.
Cable Length
279
Weight
kg
lb.
Probe Only
0.227
0.5
Shipping
1.22
2 lb. 11 oz.
Power Requirements
TCP0020 is powered directly by oscilloscopes with the TekVPI™ probe interface.
TCP2020 is powered by AC adapter. (Specify power plug option when ordering.)
TCP202A is powered directly by oscilloscopes with the TekProbe™ probe interface
or through the TekVPI™ probe interface when used with the TPA-BNC adapter.
Standard Warranty
One-year parts and labor.
2 www.tektronix.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com