Electronic Components Datasheet Search
  English  ▼

X  

TCP2020 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TCP2020
Description  AC/DC Current Probes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP2020 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TCP2020 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCP2020 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCP2020 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCP2020 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC/DC Current Probes — TCP0020 • TCP2020 • TCP202A
Ordering Information
TCP0020
AC/DC Current Probe.
Includes: Instruction Manual (English) (071-3002-xx), Probe Ground Lead – 6 in.
length (196-3120-xx), Nylon Carrying Case (016-1952-xx).
TCP2020
AC/DC Current Probe.
Includes: Instruction Manual (English) (071-3002-xx), Probe Ground Lead – 6 in.
length (196-3120-xx), Nylon Carrying Case (016-1952-xx), AC Adapter (specify
power plug option when ordering).
TCP202A
AC/DC Current Probe.
Includes: Instruction Manual (English) (071-3002-xx), Probe Ground Lead – 6 in.
length (196-3120-xx), Nylon Carrying Case (016-1952-xx).
Power Plug Options (TCP2020 Only)
Option
Description
Opt. A0
NorthAmerica Power, 115 V,60Hz
Opt. A1
Universal Euro Power, 220 V, 50 Hz
Opt. A2
United Kingdom Power, 240 V, 50 Hz
Opt. A3
Australia Power, 240 V, 50 Hz
Opt. A5
Switzerland Power, 220 V, 50 Hz
Opt. A6
Japan Power, 100 V, 110/120 V, 60 Hz
Opt. A10
China Power, 50 Hz
Opt. A11
India Power, 50 Hz
Opt. A12
Brazil Power, 60 Hz
Opt. A99
No Power Cord
Service Options
Option
Description
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. D1
Calibration Data Report
Opt. D3
Calibration Data Report 3 Years (with Opt. C3)
Opt. D5
Calibration Data Report 5 Years (with Opt. C5)
Opt. R3
Repair Service 3 Years
Opt. R5
Repair Service 5 Years
Recommended Accessories
Accessory
Description
067-2396-xx
Current Loop, 1 Turn, 50 Ω with BNC connector used for
performance verification
067-1686-xx
Deskew/Calibration Fixture
www.tektronix.com 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com