Electronic Components Datasheet Search
  English  ▼

X  

MP38900DL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP38900DL
Description  High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38900DL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP38900DL Datasheet HTML 3Page - Monolithic Power Systems MP38900DL Datasheet HTML 4Page - Monolithic Power Systems MP38900DL Datasheet HTML 5Page - Monolithic Power Systems MP38900DL Datasheet HTML 6Page - Monolithic Power Systems MP38900DL Datasheet HTML 7Page - Monolithic Power Systems MP38900DL Datasheet HTML 8Page - Monolithic Power Systems MP38900DL Datasheet HTML 9Page - Monolithic Power Systems MP38900DL Datasheet HTML 10Page - Monolithic Power Systems MP38900DL Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
MP38900/MP38900-B–HIGHEFFICIENCY,FASTTRANSIENTSYNCHRONOUSSTEP-DOWNCONVERTER
MP38900/MP38900-B Rev. 1.1
www.MonolithicPower.com
7
6/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=12V, VOUT =1.2V, L=1.0µH, TA=+25°C, unless otherwise noted.
Load Regulation
Case Temperature Rise vs.
Output Current
Line Regulation
Frequency vs. Load Current
Frequency vs. Temperature
IOUT = 10A
IOUT (A)
VIN (V)
IOUT (A)
IOUT (A)
VIN (V)
IOUT (A)
IOUT (A)
IOUT (A)
50
60
70
80
90
100
0.01
0.1
1
10
50
60
70
80
90
100
0.01
0.1
1
10
50
60
70
80
90
100
0.01
0.1
1
10
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
57
9
11
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
02
46
8
10
20
25
30
35
40
45
50
024
6
8
10
650
670
690
710
730
-50 -25
0
25
50 75 100 125
500
600
700
800
468
10
12
1
10
100
1000
0.01
0.1
1
10
Frequency vs. VIN
IOUT = 10A
VIN=5V
VIN=12V
FSW=300kHz
FSW=600kHz
IOUT=10A
IOUT=0A
IOUT=5A
VIN=12V
VIN=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com