Electronic Components Datasheet Search
  English  ▼

X  

MP38900DL Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP38900DL
Description  High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38900DL Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP38900DL Datasheet HTML 10Page - Monolithic Power Systems MP38900DL Datasheet HTML 11Page - Monolithic Power Systems MP38900DL Datasheet HTML 12Page - Monolithic Power Systems MP38900DL Datasheet HTML 13Page - Monolithic Power Systems MP38900DL Datasheet HTML 14Page - Monolithic Power Systems MP38900DL Datasheet HTML 15Page - Monolithic Power Systems MP38900DL Datasheet HTML 16Page - Monolithic Power Systems MP38900DL Datasheet HTML 17Page - Monolithic Power Systems MP38900DL Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP38900/MP38900-B–HIGHEFFICIENCY,FASTTRANSIENTSYNCHRONOUSSTEP-DOWNCONVERTER
MP38900/MP38900-B Rev. 1.1
www.MonolithicPower.com
14
6/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
SW
ON
ESR
OUT
tt
0.7
2
R
C

(4)
tSW is the switching period.
When using a large-ESR capacitor on the output,
add a ceramic capacitor with a value of 10uF or
less to in parallel to minimize the effect of ESL.
Ramp with Small ESR Cap
When the output capacitors are ceramic ones,
the ESR ripple is not high enough to stabilize the
system, and external ramp compensation is
needed. Skip to application information section
for design steps with small ESR caps.
.
R1
R2
Ceramic
SW
FB
Vout
L
R4
C4
IR4
IC4
IFB
R9
Figure 8: Simplified Circuit in PWM Mode with
External Ramp Compensation
Figure 8 shows a simplified external ramp
compensation (R4 and C4) for PWM mode, with
HS-FET off. Chose R1, R2, R9 and C4 of the
external ramp to meet the following condition:
12
9
SW
4
1
2
RR
11
R
2F
C
5
R
R





(5)
Where:
R4
C4
FB
C4
II
I
I

(6)
And the Vramp on the VFB can then be estimated
as:
IN
OUT
12
RAMP
ON
44
1
2
9
VV
R//R
Vt
RC
R //R
R


(7)
The downward slope of the VFB ripple then
follows
OUT
RAMP
SLOPE1
off
4
4
V
V
V
tR
C

(8)
As can be seen from equation 8, if there is
instability in PWM mode, we can reduce either
R4 or C4. If C4 can not be reduced further due to
limitation from equation 5, then we can only
reduce R4. For a stable PWM operation, the
Vslope1 should be design follow equation 9.
SW
ON
-3
ESR
OUT
slope1
OUT
OUT
SW
on
tt
+-R
C
Io 10
0.7 π
2
-V
V
+
2L C
t
-t

(9)
Where Io is the load current.
In skip mode, the downward slope of the VFB
ripple is the same whether the external ramp is
used or not. Figure 9 shows the simplified circuit
of the skip mode when both the HS-FET and LS-
FET are off.
Figure 9: Simplified Circuit in skip Mode
The downward slope of the VFB ripple in skip
mode can be determined as follow:

REF
SLOPE2
12
OUT
V
V
(R
R // Ro) C

(10)
Where Ro is the equivalent load resistor.
As described in Figure 6, VSLOPE2 in the skip
mode is lower than that is in the PWM mode, so
it is reasonable that the jitter in the skip mode is
larger. If one wants a system with less jitter
during ultra light load condition, the values of the
VFB resistors should not be too big, however, that
will decrease the light load efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com