Electronic Components Datasheet Search
  English  ▼

X  

MP62161DS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP62161DS
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62161DS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP62161DS Datasheet HTML 2Page - Monolithic Power Systems MP62161DS Datasheet HTML 3Page - Monolithic Power Systems MP62161DS Datasheet HTML 4Page - Monolithic Power Systems MP62161DS Datasheet HTML 5Page - Monolithic Power Systems MP62161DS Datasheet HTML 6Page - Monolithic Power Systems MP62161DS Datasheet HTML 7Page - Monolithic Power Systems MP62161DS Datasheet HTML 8Page - Monolithic Power Systems MP62161DS Datasheet HTML 9Page - Monolithic Power Systems MP62161DS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP62160/MP62161 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62160_MP62161 Rev. 0.9
www.MonolithicPower.com
6
7/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN =5V, VEN=0V for MP62160 or 5V for MP62161, CL=2.2μF, RFLAG=100kΩ, TA = +25ºC, unless
otherwise noted.
Flag
5V/div
VOUT
2V/div
IOUT
1A/div
EN
5V/div
2ms/div
Threshold Trip Current with
Ramped Load
on Enabled Device
Ramped Load
on Enabled Device
Short Circuit Current,
Device Enabled into Short
1ms/div
2ms/div
Flag
5V/div
VOUT
2V/div
VOUT
2V/div
VOUT
2V/div
VOUT
2V/div
IOUT
1A/div
IOUT
1A/div
IOUT
1A/div
IOUT
2A/div
EN
5V/div
EN
5V/div
EN
5V/div
EN
5V/div
EN
5V/div
Device Enabled
Device Disabled
Device Enabled
Device Disabled
Current Limit
Device Enabled
No Load
Ramped Load Apply
OTP
Current Limit
Ramped Load
OTP
No Load
Ramped Load
Flag Asserted After Deglitch Period
Current Limit
Inrush current
Device Enabled
No Load
Short Inrush Current
Current Limit
Flag Asserted After
Deglitch Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com