Electronic Components Datasheet Search
  English  ▼

X  

MPQ2490 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ2490
Description  Industrial Grade, 1.5A, 36V, 700kHz Step-Down Converter with Programmable Output Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2490 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ2490 Datasheet HTML 1Page - Monolithic Power Systems MPQ2490 Datasheet HTML 2Page - Monolithic Power Systems MPQ2490 Datasheet HTML 3Page - Monolithic Power Systems MPQ2490 Datasheet HTML 4Page - Monolithic Power Systems MPQ2490 Datasheet HTML 5Page - Monolithic Power Systems MPQ2490 Datasheet HTML 6Page - Monolithic Power Systems MPQ2490 Datasheet HTML 7Page - Monolithic Power Systems MPQ2490 Datasheet HTML 8Page - Monolithic Power Systems MPQ2490 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MPQ2490
–INDUSTRIALGRADE,1.5A,36V,700kHzSTEP-DOWNWITHPROGRAMMABLEOUTPUTCURRENTLIMIT
MPQ2490 Rev. 1.02
www.MonolithicPower.com
4
7/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN10
Pin #
Name
Description
1
VIN
Supply Voltage. The MPQ2490 operates from a +4.5V to +36V unregulated input. CIN
is needed to prevent large voltage spikes from appearing at the input. Put CIN as close
to the IC as possible. It is the drain of the internal power device and power supply for
the whole chip.
2
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this
reason care must be taken in its layout. This node should be placed outside of the D1
to CIN ground path to prevent switching current spikes from inducing voltage noise into
the part.
3
EN
On/Off Control Input. (Only available for the MPQ2490DQ)
4
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin
sets the output voltage. To prevent current limit run away during a short circuit fault
condition the frequency-fold-back comparator lowers the oscillator frequency when the
FB voltage is below 250mV.
5
SS
Connect to an external capacitor used for Soft-Start and compensation for current
limiting loop.
6
ISN
Negative Current Sense Input for load current limiting.
7
ISP
Positive Current Sense
8
PGOOD
Power good signal. When FB is less than 90% of 0.8V, PGOOD is low. It is an open-
drain output. Use a high value pull-up resistor externally to pull it up to system power
supply. (Only available for the MPQ2490DQ)
9
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BST pins to form a floating supply across the
power switch driver. An on-chip regulator is used to charge up the external boot-strap
capacitor. If the on-chip regulator is not strong enough, one optional diode can be
connected from IN or OUT to charge the external boot-strap capacitor.
10
SW
Switch Output. It is the source of power device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com