Electronic Components Datasheet Search
  English  ▼

X  

MPQ2490 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ2490
Description  Industrial Grade, 1.5A, 36V, 700kHz Step-Down Converter with Programmable Output Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2490 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ2490 Datasheet HTML 1Page - Monolithic Power Systems MPQ2490 Datasheet HTML 2Page - Monolithic Power Systems MPQ2490 Datasheet HTML 3Page - Monolithic Power Systems MPQ2490 Datasheet HTML 4Page - Monolithic Power Systems MPQ2490 Datasheet HTML 5Page - Monolithic Power Systems MPQ2490 Datasheet HTML 6Page - Monolithic Power Systems MPQ2490 Datasheet HTML 7Page - Monolithic Power Systems MPQ2490 Datasheet HTML 8Page - Monolithic Power Systems MPQ2490 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MPQ2490
Industrial Grade, 1.5A, 36V, 700kHz
Step-Down Converter
with Programmable Output Current Limit
MPQ2490 Rev. 1.02
www.MonolithicPower.com
1
7/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The MPQ2490 is a monolithic step-down switch
mode converter with programmable output
current limit. It achieves 1.5A continuous output
current over a wide input supply range with
excellent load and line regulation.
The
maximum
output
current
can
be
programmed by sensing current through the
inductor DC resistance (DCR) or an accurate
sense resistor.
Fault
condition
protection
includes
cycle-by-cycle
current
limiting
and
thermal
shutdown.
The MPQ2490 requires a minimum number of
readily available standard external components.
The MPQ2490 is available in
QFN (3x3mm)
package.
FEATURES
 Wide 4.5V to 36V Operating Input Range
 Programmable up to 1.5A Output Current
 Output Adjustable from 0.8V to 15V
 Programmable Output Current Limit without
power loss
 0.25Ω Internal Power MOSFET Switch
 Stable with Low ESR Output Ceramic
Capacitors
 95% Efficiency @ 500mA (Vo=5V)
 Fixed 700kHz Frequency
 Thermal Shutdown
 Cycle-by-Cycle Over Current Protection
 Available in QFN10 Package
APPLICATIONS
Industrial and Car Power Supplies
USB Power Supplies
Automotive Cigarette Lighter Adapters
Power Supply for Battery Chargers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MPQ2490

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2420-AEC1 MPS-MPQ2420-AEC1 Datasheet
1Mb / 22P
75V, 0.3A, Synchronous Step-Down Converter with Watchdog AEC-Q100 Qualified
MPQ2420GF MPS-MPQ2420GF Datasheet
1Mb / 22P
75V, 0.3A, Synchronous Step-Down Converter with Watchdog AEC-Q100 Qualified
MPQ2420GF MPS-MPQ2420GF Datasheet
550Kb / 7P
75V/0.3A Synchronous Step-Down Converter with Watchdog Evaluation Board
MPQ2420GF-AEC1 MPS-MPQ2420GF-AEC1 Datasheet
1Mb / 22P
75V, 0.3A, Synchronous Step-Down Converter with Watchdog AEC-Q100 Qualified
MPQ2451 MPS-MPQ2451 Datasheet
449Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ2490

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MPQ4456 MPS-MPQ4456 Datasheet
553Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com