Electronic Components Datasheet Search
  English  ▼

X  

MPQ4459 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ4459
Description  Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4459 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ4459 Datasheet HTML 8Page - Monolithic Power Systems MPQ4459 Datasheet HTML 9Page - Monolithic Power Systems MPQ4459 Datasheet HTML 10Page - Monolithic Power Systems MPQ4459 Datasheet HTML 11Page - Monolithic Power Systems MPQ4459 Datasheet HTML 12Page - Monolithic Power Systems MPQ4459 Datasheet HTML 13Page - Monolithic Power Systems MPQ4459 Datasheet HTML 14Page - Monolithic Power Systems MPQ4459 Datasheet HTML 15Page - Monolithic Power Systems MPQ4459 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MPQ4459 – INDUSTRIAL GRADE, 1.5A, 4MHz, 36V STEP-DOWN CONVERTER
MPQ4459 Rev. 1.0
www.MonolithicPower.com
12
12/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, use a Schottky diode.
Choose a diode who’s maximum reverse
voltage rating is greater than the maximum
input voltage, and who’s current rating is
greater than the maximum load current. Table 3
lists
example
Schottky
diodes
and
manufacturers.
Table 3—Output Diodes
Manufacturer
Part Number
Voltage
Rating
(V)
Current
Rating
(A)
Package
Diodes Inc.
B240A-13-F
40V
2A
SMA
Diodes Inc.
B340A-13-F
40V
3A
SMA
Central semi
CMSH2-40M
40V
2A
SMA
Central semi
CMSH3-40MA
40V
3A
SMA
Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors are preferred,
but tantalum or low-ESR electrolytic capacitors
may also suffice. Since the input capacitor
absorbs the input switching current it requires
an adequate ripple current rating. The RMS
current in the input capacitor can be estimated
by:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C =
For simplification, choose the input capacitor
whose RMS current rating greater than half of
the maximum load current. The input capacitor
can be electrolytic, tantalum or ceramic. When
using electrolytic or tantalum capacitors, a small,
high quality ceramic capacitor, i.e. 0.1μF,
should be placed as close to the IC as possible.
When using ceramic capacitors, make sure that
they have enough capacitance to provide
sufficient charge to prevent excessive voltage
ripple at input. The input voltage ripple caused
by capacitance can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
=
Δ
IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
1
C
f
I
V
Where CIN is the input capacitance value.
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are preferred to keep the
output voltage ripple low. The output voltage
ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
Δ
2
C
f
8
1
R
V
V
1
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value, CO is the output
capacitance value, and RESR is the equivalent
series resistance (ESR) value of the output
capacitor.
In the case of ceramic capacitors, the
impedance at the switching frequency is
dominated by the capacitance. The output
voltage ripple is mainly caused by the
capacitance. For simplification, the output
voltage ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
×
=
IN
OUT
2
S
OUT
OUT
V
V
1
2
C
1
L
f
8
V
ΔV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com