Electronic Components Datasheet Search
  English  ▼

X  

MPQ4559 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4559
Description  Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4559 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4559 Datasheet HTML 1Page - Monolithic Power Systems MPQ4559 Datasheet HTML 2Page - Monolithic Power Systems MPQ4559 Datasheet HTML 3Page - Monolithic Power Systems MPQ4559 Datasheet HTML 4Page - Monolithic Power Systems MPQ4559 Datasheet HTML 5Page - Monolithic Power Systems MPQ4559 Datasheet HTML 6Page - Monolithic Power Systems MPQ4559 Datasheet HTML 7Page - Monolithic Power Systems MPQ4559 Datasheet HTML 8Page - Monolithic Power Systems MPQ4559 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MPQ4559
– 1.5A, 2MHz, 55V STEP-DOWN CONVERTER AEC-Q100 QUALIFIED
MPQ4559 Rev. 1.01
www.MonolithicPower.com
3
6/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2.5V, VCOMP = 1.4V, TJ= –40C to +125C. Typical Values are at TJ=25C, unless
otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V < VIN < 55V
TJ =25C
0.780
0.800
0.820
V
-40°C
≤ T
J ≤85°C
0.772
0.829
-40°
C ≤ T
J ≤125°C
0.766
0.829
Feedback Leakage Current
IFB
0.1
1.0
μA
Upper Switch On Resistance
(5)
RDS(ON)
VBST – VSW = 5V
TJ=25C
175
250
330
mΩ
160
400
Upper Switch Leakage
ISW
VEN = 0V, VSW = 0V
1
μA
Current Limit
ILIM
TJ=25C
Duty Cycle
≤ 60%
1.9
2.3
4.5
A
1.8
4.7
COMP to Current Sense
Transconductance
GCS
5.7
A/V
Error Amp Voltage Gain
400
V/V
Error Amp Transconductance
ICOMP = ±3µA
120
µA/V
Error Amp Min Source current
VFB = 0.7V
10
µA
Error Amp Min Sink current
VFB = 0.9V
-10
µA
VIN UVLO Threshold
TJ=25C
2.7
3.0
3.3
V
2.4
3.0
3.6
VIN UVLO Hysteresis
0.35
V
Soft-Start Time
(5)
0V < VFB < 0.8V
0.19
0.5
ms
Oscillator Frequency
fSW
RFREQ = 95kΩ
TJ =25C
0.8
1
1.2
MHz
0.7
1.3
Shutdown Supply Current
IS
VEN < 0.3V
12
20
µA
Quiescent Supply Current
IQ
No load, VFB = 0.9V (no
switching)
140
200
µA
Thermal Shutdown
Hysteresis = 20
C
150
C
Minimum Off Time
TOFF
100
ns
Minimum On Time
(5)
TON
100
ns
EN Rising Threshold
TJ=25C
1.4
1.55
1.7
V
1.3
1.8
EN Threshold Hysteresis
320
mV
Note:
5) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com