Electronic Components Datasheet Search
  English  ▼

X  

MPQ4559 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ4559
Description  Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4559 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ4559 Datasheet HTML 1Page - Monolithic Power Systems MPQ4559 Datasheet HTML 2Page - Monolithic Power Systems MPQ4559 Datasheet HTML 3Page - Monolithic Power Systems MPQ4559 Datasheet HTML 4Page - Monolithic Power Systems MPQ4559 Datasheet HTML 5Page - Monolithic Power Systems MPQ4559 Datasheet HTML 6Page - Monolithic Power Systems MPQ4559 Datasheet HTML 7Page - Monolithic Power Systems MPQ4559 Datasheet HTML 8Page - Monolithic Power Systems MPQ4559 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MPQ4559
– 1.5A, 2MHz, 55V STEP-DOWN CONVERTER AEC-Q100 QUALIFIED
MPQ4559 Rev. 1.01
www.MonolithicPower.com
4
6/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN
Pin #
SOIC8
Pin #
Name
Description
1, 2
1
SW
Switch Node. Output from the high-side switch. A low VF Schottky rectifier to ground
is required. The rectifier must be close to the SW pins to reduce switching spikes.
3
2
EN
Enable Input. Pull this pin below the specified threshold to shutdown the chip. Pull it
up above the specified threshold or leaving it floating to enable the chip.
4
3
COMP
Compensation.
Output
of
the
GM
error
amplifier.
Control
loop
frequency
compensation is applied to this pin.
5
4
FB
Feedback. Input to the error amplifier. Sets the regulator voltage by comparing the
tap of an external resistive divider connected between the output and GND to the
internal +0.8V reference.
6
5
GND,
Exposed
pad
Ground. Connect as close as possible to the output capacitor and avoid the high-
current switch paths. Connect exposed pad to GND plane for optimal thermal
performance.
7
6
FREQ
Switching Frequency Program Input. Connect a resistor from this pin to ground to set
the switching frequency.
8, 9
7
VIN
Input Supply. This supplies power to all the internal control circuitry, both BS
regulators, and the high-side switch. Place a decoupling capacitor to ground close to
this pin to minimize switching spikes.
10
8
BST
Bootstrap. Positive power supply for the internal floating high-side MOSFET driver.
Connect a bypass capacitor between this pin and SW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com