Electronic Components Datasheet Search
  English  ▼

X  

AD9203ARURL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9203ARURL7
Description  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203ARURL7 Datasheet(HTML) 1 Page - Analog Devices

  AD9203ARURL7 Datasheet HTML 1Page - Analog Devices AD9203ARURL7 Datasheet HTML 2Page - Analog Devices AD9203ARURL7 Datasheet HTML 3Page - Analog Devices AD9203ARURL7 Datasheet HTML 4Page - Analog Devices AD9203ARURL7 Datasheet HTML 5Page - Analog Devices AD9203ARURL7 Datasheet HTML 6Page - Analog Devices AD9203ARURL7 Datasheet HTML 7Page - Analog Devices AD9203ARURL7 Datasheet HTML 8Page - Analog Devices AD9203ARURL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
10-Bit, 40 MSPS, 3 V, 74 mW
A/D Converter
AD9203
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
CMOS 10-Bit, 40 MSPS sampling A/D converter
Power dissipation: 74 mW (3 V supply, 40 MSPS)
17 mW (3 V supply, 5 MSPS)
Operation between 2.7 V and 3.6 V supply
Differential nonlinearity: −0.25 LSB
Power-down (standby) mode, 0.65 mW
ENOB: 9.55 @ fIN = 20 MHz
Out-of-range indicator
Adjustable on-chip voltage reference
IF undersampling up to fIN = 130 MHz
Input range: 1 V to 2 V p-p differential or single-ended
Adjustable power consumption
Internal clamp circuit
APPLICATIONS
CCD imaging
Video
Portable instrumentation
IF and baseband communications
Cable modems
Medical ultrasound
FUNCTIONAL BLOCK DIAGRAM
SHA
GAIN
A/D
D/A
SHA
GAIN
A/D
D/A
A/D
CORRECTION LOGIC
AD9203
OUTPUT BUFFERS
10
+
–
0.5V
BANDGAP
REFERENCE
CLK
AVDD
DRVDD
STBY
3-STATE
OTR
D9 (MSB)
D0 (LSB)
DRVSS
DFS
PWRCON
AVSS
CLAMP
CLAMPIN
AINP
AINN
REFTF
REFBF
VREF
REFSENSE
Figure 1.
GENERAL DESCRIPTION
The AD9203 is a monolithic low power, single supply, 10-bit,
40 MSPS analog-to-digital converter, with an on-chip voltage
reference. The AD9203 uses a multistage differential pipeline
architecture and guarantees no missing codes over the full
operating temperature range. Its input range may be adjusted
between 1 V and 2 V p-p.
The AD9203 has an onboard programmable reference. An
external reference can also be chosen to suit the dc accuracy
and temperature drift requirements of an application.
An external resistor can be used to reduce power consumption
when operating at lower sampling rates. This yields power
savings for users who do not require the maximum sample rate.
This feature is especially useful at sample rates far below 40
MSPS. Excellent performance is still achieved at reduced power.
For example, 9.7 ENOB performance may be realized with only
17 mW of power, using a 5 MHz clock.
A single clock input is used to control all internal conversion
cycles. The digital output data is presented in straight binary or
twos complementary output format by using the DFS pin. An
out-of-range signal (OTR) indicates an overflow condition that
can be used with the most significant bit to determine over- or
underrange.
The AD9203 can operate with a supply range from 2.7 V to 3.6
V, an attractive option for low power operation in high-speed
portable applications.
The AD9203 is specified over industrial (−40°C to +85°C)
temperature ranges and is available in a 28-lead TSSOP package.
PRODUCT HIGHLIGHTS
Low Power
—The AD9203 consumes 74 mW on a 3 V supply
operating at 40 MSPS. In standby mode, power is reduced to
0.65 mW.
High Performance
—Maintains better than 9.55 ENOB at 40
MSPS input signal from dc to Nyquist.
Very Small Package
—The AD9203 is available in a 28-lead
TSSOP.
Programmable Power
—The AD9203 power can be further
reduced by using an external resistor at lower sample rates.
Built-In Clamp Function
—Allows dc restoration of video
signals.


Similar Part No. - AD9203ARURL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203ARURL7 AD-AD9203ARURL7 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARURL7 AD-AD9203ARURL7 Datasheet
1Mb / 29P
A/D Converter
Rev. B
More results

Similar Description - AD9203ARURL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203 AD-AD9203 Datasheet
216Kb / 19P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV.0
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9203W AD-AD9203W Datasheet
134Kb / 8P
10-Bit, 40 MSPS, 3 V, 74 mW Analog-to-Digital Converter
REV. 0
AD9203ARUZ AD-AD9203ARUZ Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203_15 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com