Electronic Components Datasheet Search
  English  ▼

X  

AD9662 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9662
Description  3-Channel Laser Diode Driver with Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9662 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9662 Datasheet HTML 3Page - Analog Devices AD9662 Datasheet HTML 4Page - Analog Devices AD9662 Datasheet HTML 5Page - Analog Devices AD9662 Datasheet HTML 6Page - Analog Devices AD9662 Datasheet HTML 7Page - Analog Devices AD9662 Datasheet HTML 8Page - Analog Devices AD9662 Datasheet HTML 9Page - Analog Devices AD9662 Datasheet HTML 10Page - Analog Devices AD9662 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD9662
Rev. C | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
RS = 23.7 kΩ, RF = 9.53 kΩ, and read channel output current is 50 mA, unless otherwise noted.
RF RESISTANCE (kΩ)
0
0
200
400
15
20
100
300
500
10
5
Figure 3. Oscillator Frequency vs. RF
FREQUENCY (MHz)
200
0
30
50
70
400
500
20
40
60
300
10
Figure 4. Oscillator Amplitude vs. Frequency
FREQUENCY (MHz)
0.1
0.00
0.60
1.00
1.40
1000
0.40
0.80
1.20
100
1
0.20
10
Figure 5. IOUT Current Noise
RS RESISTANCE (kΩ)
0
0
140
160
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
100
120
60
80
20
40
Figure 6. Oscillator Amplitude vs. RS
OSCILLATOR AMPLITUDE (mA p-p)
0
60
110
130
130
150
100
120
120
100
70
110
80
90
10
140
20 30 40 50 60 70 80 90
Figure 7. Supply Current vs. Oscillator Amplitude
–80
–70
–60
–50
–40
–30
–20
OSCILLATOR FREQUENCY (MHz)
200
250
300
350
400
450
500
THIRD HARMONIC
SECOND HARMONIC
FOURTH HARMONIC
FIFTH HARMONIC
Figure 8. Oscillator Harmonic Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com