Electronic Components Datasheet Search
  English  ▼

X  

A0141C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A0141C
Description  ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A0141C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  A0141C Datasheet HTML 1Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 2Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 3Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 4Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 5Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 6Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.apem.com
(.020)
(.709)
(.110)
(.709)
0.50
18.00
2.80
18.00
C
D
OPTION : SP3 VERSION
3
1
2
•ProminentØ24mm(.944)oroptionalØ40mm(1.575)dia.mushroomactuators
•Momentaryandmaintainedfunctions.Momentaryfunctionversionsareunmarked,
maintainedfunctionversionsaretwistrelease(arrowsindicatedirectionoftwist)
•Variouscolouredmushroomactuatorsareavailable
A01 SERIES
MUSHROOM HEAD PUSHBUTTON SWITCHES
Panel cut‑out Ø16 (.630)
1
2
12
Actuator
Description
PartNo
24mmØ
BlackMomentary
A01MMA
24mmØ
RedMomentary
A01MMB
24mmØ
YellowMomentary
A01MMD
24mmØ
GreenMomentary
A01MME
24mmØ
BlueMomentary
A01MMF
24mmØ
BlackMaintained
A01MXA
24mmØ
RedMaintained
A01MXB
24mmØ
YellowMaintained
A01MXD
24mmØ
GreenMaintained
A01MXE
24mmØ
BlueMaintained
A01MXF
40mmØ
BlackMomentary
A01MMASP3
40mmØ
RedMomentary
A01MMBSP3
40mmØ
YellowMomentary
A01MMDSP3
40mmØ
GreenMomentary
A01MMESP3
40mmØ
BlueMomentary
A01MMFSP3
40mmØ
BlackMaintained
A01MXASP3
40mmØ
RedMaintained
A01MXBSP3
40mmØ
YellowMaintained
A01MXDSP3
40mmØ
GreenMaintained
A01MXESP3
40mmØ
BlueMaintained
A01MXFSP3
Noofpoles
PartNo
Singlepole
A0151B
Doublepole
A0152B
Threepole
A0155B
Fourpole
A0153B
Operator
Switch block



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com