Electronic Components Datasheet Search
  English  ▼

X  

A0141C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A0141C
Description  ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A0141C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A0141C Datasheet HTML 1Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 2Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 3Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 4Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 5Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 6Page - List of Unclassifed Manufacturers A0141C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.apem.com
Bezel
Colour
PartNo
black
A0161A
red
A0161B
amber
A0161C
yellow
A0161D
green
A0161E
blue
A0161F
clear
A0161G
white
A0161J
black
A0162A
red
A0162B
amber
A0162C
yellow
A0162D
green
A0162E
blue
A0162F
clear
A0162G
white
A0162J
black
A0163A
red
A0163B
amber
A0163C
yellow
A0163D
green
A0163E
blue
A0163F
clear
A0163G
white
A0163J
(.020)
(.709)
(.110)
(.709)
(.709)
(.236)
(.472)
12.00
6.00
18.00
0.50
18.00
2.80
18.00
(1.209)
(.945)
(.236)
6.00
24.00
30.70
C D
E F
C
D
(.236)
6.00
16.25
(.640)
9.00
(.354)
3
1
2
A pushbutton assembly requires:
screen+lamp(ifilluminated)+operator+switchblock
Toordertheseelements,selectdesiredmodelnumbersfromtablesbelow.
Example:IP65rectangularpushbutton,singlepole,maintained,redscreenand
12VredLED=A0161B,A0142M1,A0101XandA0151B
A01 SERIES
ILLUMINATED OR NON‑ILLUMINATED PUSHBUTTON SWITCHES
Panel cut‑out Ø16 (.630)
1
2
3
4
Lamp
Voltage
PartNo
Filament
6.3V
A0141A
Filament
14V
A0141B
Filament
28V
A0141C
Filament
36V
A0141D
Filament
48V
A0141E
Filament
60V
A0141F
Neon
110V
A0143G
Neon
220V
A0143H
LED
6Vred
A0142L1
LED
6Vgreen
A0142L2
LED
6Vamber
A0142L3
LED
12Vred
A0142M1
LED
12Vgreen
A0142M2
LED
12Vamber A0142M3
LED
12Vblue
A0142M4
LED
12Vwhite
A0142M5
LED
24Vred
A0142N1
LED
24Vgreen
A0142N2
LED
24Vamber
A0142N3
LED
24Vblue
A0142N4
LED
24Vwhite
A0142N5
LED
48Vred
A0142P1
LED
48Vgreen
A0142P2
LED
48Vamber
A0142P3
Pole
Bezel
Description
PartNo
1or2
Illum,momentary
A0101Y
1or2
Illum,maintained
A0101X
1or2
Non-illum,momentary
A0102Y
1or2
Non-illum,maintained
A0102X
3or4
Illum,momentary
A0103Y
3or4
Illum,maintained
A0103X
3or4
Non-illum,momentary
A0104Y
3or4
Non-illum,maintained
A0104X
1or2
Illum,momentary
A0105Y
1or2
Illum,maintained
A0105X
1or2
Non-illum,momentary
A0106Y
1or2
Non-illum,maintained
A0106X
3or4
Illum,momentary
A0107Y
3or4
Illum,maintained
A0107X
3or4
Non-illum,momentary
A0108Y
3or4
Non-illum,maintained
A0108X
1or2
Illum,momentary
A0109Y
1or2
Illum,maintained
A0109X
1or2
Non-illum,momentary
A0110Y
1or2
Non-illum,maintained
A0110X
3or4
Illum,momentary
A0111Y
3or4
Illum,maintained
A0111X
3or4
Non-illum,momentary
A0112Y
3or4
Non-illum,maintained
A0112X
Noofpoles
PartNo
Singlepole
A0151B
Doublepole
A0152B
Threepole
A0155B
Fourpole
A0153B
Screen
Lamp
Operator
Switch block
Unsealedswitches(IP40):
add‘01’toendof
operatormodelnumber
Screenengraving/
insertablelegends:
contactAPEMComponents
Bi-colourLEDsoptional
Bezel:rectangularsquareround.‘Illum’-illuminated,‘Non-illum’-nonilluminated
6


Similar Part No. - A0141C

ManufacturerPart #DatasheetDescription
logo
APEM
A0141C APEM-A0141C Datasheet
437Kb / 10P
ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
More results

Similar Description - A0141C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
ILLUMINATED PUSHBUTTON SWITCHES
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
Illuminated Pushbutton Switches
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
logo
Schneider Electric
ZB6YAA4 SCHNEIDER-ZB6YAA4 Datasheet
74Kb / 2P
red cap unmarked for circular non illuminated pushbutton 횠16
Jan 26, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com