Electronic Components Datasheet Search
  English  ▼

X  

A0141F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A0141F
Description  ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A0141F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A0141F Datasheet HTML 1Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 2Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 3Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 4Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 5Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 6Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.apem.com
(.020)
(.709)
(.110)
(.709)
(.472)
12.00
0.50
18.00
2.80
18.00
C
D
(.020)
(.709)
(.110)
(.709)
(.472)
12.00
0.50
18.00
2.80
18.00
C
D
N.C.
•ProminentØ24mm(.944)oroptionalØ40mm(1.575)dia.redmushroomactuator
•Highlyreliablepositivebreakswitch
•Pushtoshutoffswitch,twisttoresettoON
An emergency stop switch assembly requires:
operator+switchblock
Toorderspecifywithsinglepoleordoublepolepositivebreakswitchblock.
ApprovedtoUL1054/EN60947-5-1
A01 SERIES
EMERGENCY STOP SWITCHES
Panel cut‑out Ø16 (.630)
1
2
Noofpoles
PartNo
Singlepole
A0150B
Doublepole
A0154B
Description
PartNo
Yellowlabelwithtext
A01YL1
Yellowlabel
A01YL2
Bezel
Description
PartNo
Emergencystop
A01ES
Option
40Ømm
Emergencystop
A01ESSP3
Operator
Switch block
60Ø Self Adhesive
Label
Accessories
General Specifications
Min.MechanicalLife
: 6050cycles(6cyclesperminute)
OperatingForce
: 16N–0.1Nm
OperatingTemperature
: -20°Cto+55°C
SolderHeatResistance
: 350°C,5secs
(IEC68-2-2-20Tb,method2)
DegreeofEnvironmental : IP65frontofpanel
Protection(IEC529)
IP40backofpanel
SwitchTerminals
: Solder/quick-connect2.8mm
(.110)(IEC68-2-20)
Electrical Specifications
Current/Voltagerating
: 1.5A250VACAC-15
ContactGap
: >3mm
Dielectrictestvoltage
: 2900V
ElectricalLife
: >6050
10
Option: SP3 Version



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com