Electronic Components Datasheet Search
  English  ▼

X  

A0141F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A0141F
Description  ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A0141F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  A0141F Datasheet HTML 1Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 2Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 3Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 4Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 5Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 6Page - List of Unclassifed Manufacturers A0141F Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.apem.com
•ProminentØ40mm(1.575)dia.redmushroomactuator,twisttorelease
•Robustpolycarbonateenclosures
•HighlyreliablepositivebreakswitchingonE-stop
•SealedtoIP65
•6Acurrentrating
•Knockoutsforpopularconduitsizes
•Doublepolechangeoverswitchblocksavailableformomentary/maintained
mushroomheadpushbuttons
11
N.C.
A01 SERIES
EMERGENCY STOP SWITCHES/MUSHROOM HEAD PUSHBUTTON SWITCHES
Fitted in Enclosures
Description
PartNo
EmergencyStop
A01ESSP354B+PEA01
BlackMomentary
A01MMASP352B+PEA01
RedMomentary
A01MMBSP352B+PEA01
YellowMomentary
A01MMDSP352B+PEA01
GreenMomentary
A01MMESP352B+PEA01
BlueMomentary
A01MMFSP352B+PEA01
BlackMaintained
A01MXASP352B+PEA01
RedMaintained
A01MXBSP352B+PEA01
YellowMaintained
A01MXDSP352B+PEA01
GreenMaintained
A01MXESP352B+PEA01
BlueMaintained
A01MXFSP352B+PEA01
Options
12A250Vversionsorcustomprintingonmushroomheadactuators
pleasecontactAPEMComponents.
Emergency Stop
Momentary and
Maintained
Technical Specifications
ContactRating
: 6A250VAC/1.5A250VAC–E-Stop
Dimensions
: 65x65x57mm
ElectricalLife
: 50,000cycles/6050cycles–E-Stop
OperatingTemperature
: -20°C–+55°C
3
1
2
Ø40.0
(1.575 DIA)
65.0 SQUARE
(2.561)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com