Electronic Components Datasheet Search
  English  ▼

X  

TC426MJA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC426MJA
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC426MJA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC426MJA Datasheet HTML 3Page - Microchip Technology TC426MJA Datasheet HTML 4Page - Microchip Technology TC426MJA Datasheet HTML 5Page - Microchip Technology TC426MJA Datasheet HTML 6Page - Microchip Technology TC426MJA Datasheet HTML 7Page - Microchip Technology TC426MJA Datasheet HTML 8Page - Microchip Technology TC426MJA Datasheet HTML 9Page - Microchip Technology TC426MJA Datasheet HTML 10Page - Microchip Technology TC426MJA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2006 Microchip Technology Inc.
DS21415C-page 7
TC426/TC427/TC428
FIGURE 3-1:
Inverting Driver Switching
Time Test Circuit
FIGURE 3-2:
Noninverting Driver
Switching Time Test Circuit
FIGURE 3-3:
Voltage Doubler
FIGURE 3-4:
Voltage Inverter
Output
Input
0.1
μF
VDD = 18V
+5V
Input
10%
90%
10%
90%
10%
90%
18V
Output
tD1
tF
tR
tD2
CL = 1000 pF
1
μF
0V
0V
TC426
(1/2 TC428)
1
2
Input: 100 kHz,
square wave,
tRISE = tFALL ≤ 10 nsec
Output
Input
90%
10%
10%
10%
90%
TC427
(1/2 TC428)
+5V
Input
18V
Output
0V
0V
90%
1
2
0.1
μF
1
μF
tD1
tF
tR
tD2
VDD = 18V
CL = 1000 pF
Input: 100 kHz,
square wave,
tRISE = tFALL ≤ 10 nsec
+15V
0.1
μF
4.7
μF
10
μF
47
μF
+
–
+
–
+
–
1N4001
1N4001
VOUT
fIN = 10 kHz
2
6
3
7
29.
27.
25.
23.
0
10
20 30 40 50 60 70 80 90
IOUT (mA)
28.
26.
24.
22.
30.
100
1/2
TC426
+15V
0.1
μF
4.7
μF
10
μF
47
μF
+
–
+–
1N4001
1N4001
2
6
3
7
1/2
TC426
+–
-6
-8
-10
-12
0
10 20 30 40 50 60 70 80 90
-7
-9
-11
-13
-5
-14
100
IOUT (mA)
VOUT
fIN = 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com