Electronic Components Datasheet Search
  English  ▼

X  

TC426MJA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC426MJA
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC426MJA Datasheet(HTML) 1 Page - Microchip Technology

  TC426MJA Datasheet HTML 1Page - Microchip Technology TC426MJA Datasheet HTML 2Page - Microchip Technology TC426MJA Datasheet HTML 3Page - Microchip Technology TC426MJA Datasheet HTML 4Page - Microchip Technology TC426MJA Datasheet HTML 5Page - Microchip Technology TC426MJA Datasheet HTML 6Page - Microchip Technology TC426MJA Datasheet HTML 7Page - Microchip Technology TC426MJA Datasheet HTML 8Page - Microchip Technology TC426MJA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2006 Microchip Technology Inc.
DS21415C-page 1
TC426/TC427/TC428
Features:
• High-Speed Switching (CL = 1000 pF): 30 nsec
• High Peak Output Current: 1.5A
• High Output Voltage Swing:
-VDD -25 mV
- GND +25 mV
• Low Input Current (Logic ‘0’ or ‘1’): 1
μA
• TTL/CMOS Input Compatible
• Available in Inverting and Noninverting
Configurations
• Wide Operating Supply Voltage:
- 4.5V to 18V
• Current Consumption:
- Inputs Low – 0.4 mA
- Inputs High – 8 mA
• Single Supply Operation
• Low Output Impedance: 6
Ω
• Pinout Equivalent of DS0026 and MMH0026
• Latch-Up Resistant: Withstands > 500 mA
Reverse Current
• ESD Protected: 2 kV
Applications:
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Clock Line Driver
• Coax Cable Driver
Device Selection Table
Package Type
General Description:
The TC426/TC427/TC428 are dual CMOS high-speed
drivers. A TTL/CMOS input voltage level is translated
into a rail-to-rail output voltage level swing. The CMOS
output is within 25 mV of ground or positive supply.
The low-impedance, high-current driver outputs swing
a 1000 pF load 18V in 30 nsec. The unique current and
voltage drive qualities make the TC426/TC427/TC428
ideal power MOSFET drivers, line drivers, and DC-to-
DC converter building blocks.
Input logic signals may equal the power supply voltage.
Input current is a low 1
μA, making direct interface
to CMOS/bipolar switch-mode power supply control
ICs possible, as well as open-collector analog
comparators.
Quiescent power supply current is 8 mA maximum. The
TC426 requires 1/5 the current of the pin-compatible
bipolar DS0026 device. This is important in DC-to-DC
converter applications with power efficiency constraints
and
high-frequency
switch-mode
power
supply
applications. Quiescent current is typically 6 mA when
driving a 1000 pF load 18V at 100 kHz.
The inverting TC426 driver is pin-compatible with the
bipolar DS0026 and MMH0026 devices. The TC427 is
noninverting; the TC428 contains an inverting and non-
inverting driver.
Other pin compatible driver families are the TC1426/
TC1427/TC1428,
TC4426/TC4427/TC4428
and
TC4426A/TC4427A/TC4428A.
Part
Number
Package
Configuration
Temp.
Range
TC426COA
TC426CPA
TC426EOA
TC426EPA
TC426IJA
TC426MJA
8-Pin SOIC
8-Pin PDIP
8-Pin SOIC
8-Pin PDIP
8-Pin CERDIP
8-Pin CERDIP
Inverting
Inverting
Inverting
Inverting
Inverting
Inverting
0°C to +70°C
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
-25°C to +85°C
-55°C to +125°C
TC427COA
TC427CPA
TC427EOA
TC427EPA
TC427IJA
TC427MJA
8-Pin SOIC
8-Pin PDIP
8-Pin SOIC
8-Pin PDIP
8-Pin CERDIP
8-Pin CERDIP
Noninverting
Noninverting
Noninverting
Noninverting
Noninverting
Noninverting
0°C to +70°C
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
-25°C to +85°C
-55°C to +125°C
TC428COA
TC428CPA
TC428EOA
TC428EPA
TC428IJA
TC428MJA
8-Pin SOIC
8-Pin PDIP
8-Pin SOIC
8-Pin PDIP
8-Pin CERDIP
8-Pin CERDIP
Complementary
Complementary
Complementary
Complementary
Complementary
Complementary
0°C to +70°C
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
-25°C to +85°C
-55°C to +125°C
TC426
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
NC = No internal connection
2, 4
7, 5
Inverting
TC427
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
2, 4
7, 5
Noninverting
TC428
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
2
7
4
5
VDD
Complementary
VDD
VDD
8-Pin PDIP/SOIC/CERDIP
1.5A Dual High-Speed Power MOSFET Drivers


Similar Part No. - TC426MJA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426MJA TELCOM-TC426MJA Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC426MJA MICROCHIP-TC426MJA Datasheet
461Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2002
TC426MJA MICROCHIP-TC426MJA Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC426MJA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4426A TELCOM-TC4426A Datasheet
64Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426AM MICROCHIP-TC4426AM_05 Datasheet
190Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2005
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com