Electronic Components Datasheet Search
  English  ▼

X  

TC1301A Datasheet(PDF) 15 Page - Microchip Technology

Part # TC1301A
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC1301A Datasheet HTML 11Page - Microchip Technology TC1301A Datasheet HTML 12Page - Microchip Technology TC1301A Datasheet HTML 13Page - Microchip Technology TC1301A Datasheet HTML 14Page - Microchip Technology TC1301A Datasheet HTML 15Page - Microchip Technology TC1301A Datasheet HTML 16Page - Microchip Technology TC1301A Datasheet HTML 17Page - Microchip Technology TC1301A Datasheet HTML 18Page - Microchip Technology TC1301A Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21798C-page 15
TC1301A/B
5.10
TC1301A SHDN2 Timing
VOUT1 will rise independent of the level of SHDN2 for
the TC1301A. Figure 5-1 is used to define the wake-up
time from shutdown (tWK) and the settling time (tS). The
wake-up time is dependant upon the frequency of
operation. The faster the SHDN pin is pulsed, the
shorter the wake-up time will be.
FIGURE 5-1:
TC1301A Timing.
5.11
TC1301B SHDN1 / SHDN2 Timing
For the TC1301B, the SHDN1 input pin is used to
control VOUT1. The SHDN2 input pin is used to control
VOUT2, independent of the logic input on SHDN1.
FIGURE 5-2:
TC1301B Timing.
5.12
VDET and RESET Operation
The TC1301A/B integrates an independent voltage
reset monitor that can be used for low-battery input
voltage detection or a microprocessor Power-On Reset
(POR) function. The input voltage for the detector is
different for the TC1301A than it is for the TC1301B.
For the TC1301A, the input voltage to the detector is
pin 8 (VDET). For the TC1301B, the input voltage to the
detector is internally connected to the output of LDO #1
(VOUT1). The detected voltage is sensed and com-
pared to an internal threshold. When the voltage on the
VDET pin is below the threshold voltage, the RESET
output pin is low. When the voltage on the VDET pin
rises above the voltage threshold, the RESET output
will remain low for typically 300 ms (RESET time-out
period). After the RESET time-out period, the RESET
output voltage will transition from the low output state
to the high output state if the detected voltage pin
remains above the threshold voltage.
The RESET output will be driven low within 180 µs of
VDET going below the RESET voltage threshold. The
RESET output will remain valid for detected voltages
greater than 1.2V overtemperature.
5.13
TC1301A RESET Timing
Figure 5-3 shows the RESET timing waveforms for the
TC1301A. This diagram is also used to define the
RESET active time-out period (tRPU) and the VDET
RESET delay time (tRPD).
FIGURE 5-3:
TC1301A RESET Timing.
VIN
SHDN2
VOUT1
VOUT2
twk
ts
SHDN2
SHDN1
VIN
VOUT1
twk
ts
VOUT2
RESET Time
TRPD
VTH
VDET
RESET
1V
VOL
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com