Electronic Components Datasheet Search
  English  ▼

X  

TC1301A Datasheet(PDF) 19 Page - Microchip Technology

Part # TC1301A
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC1301A Datasheet HTML 15Page - Microchip Technology TC1301A Datasheet HTML 16Page - Microchip Technology TC1301A Datasheet HTML 17Page - Microchip Technology TC1301A Datasheet HTML 18Page - Microchip Technology TC1301A Datasheet HTML 19Page - Microchip Technology TC1301A Datasheet HTML 20Page - Microchip Technology TC1301A Datasheet HTML 21Page - Microchip Technology TC1301A Datasheet HTML 22Page - Microchip Technology TC1301A Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21798C-page 19
TC1301A/B
Junction Temperature Estimate
To estimate the internal junction temperature, the
calculated temperature rise is added to the ambient or
offset temperature. For this example, the worst-case
junction temperature is estimated below:
Maximum Package Power Dissipation at 50°C
Ambient Temperature
7.0
TYPICAL LAYOUT TC1301A
FIGURE 7-1:
MSOP8 Silk Screen Layer.
When doing the physical layout for the TC1301A/B, the
highest priority is placing the input and output
capacitors as close to the device pins as is practical.
Figure 7-1 above represents a typical placement of the
components when using SMT0805 capacitors.
FIGURE 7-2:
MSOP8 Wiring Layer.
A wiring example for the TC1301A is shown. The vias
represent the connection to a ground plane that is
below the wiring layer.
FIGURE 7-3:
3x3 DFN Silk-Screen
Example.
8-lead 3X3 DFN physical layout example with bypass
capacitor.
FIGURE 7-4:
3x3 DFN Top Metal Layer
Example.
Vias represent the connection to a ground plane that is
below the wiring layer.
8.0
ADDITIONAL OUTPUT
VOLTAGE AND THRESHOLD
VOLTAGE OPTIONS
8.1
Output Voltage and Threshold
Voltage Range
Table 8-1 describes the range of output voltage options
available for the TC1301A/B. VOUT1 and VOUT2 can be
factory preset from 1.5V to 3.3V in 100 mV increments.
The VDET (TC1301A) or threshold voltage (TC1301B)
can be preset from 2.2V to 3.2V in 10 mV increments.
TABLE 8-1:
CUSTOM OUTPUT VOLTAGE
AND THRESHOLD VOLTAGE
RANGES
For a listing of TC1301A/B standard parts, refer to the
Product Identification System on page 25.
TJ =TJRISE + TA(MAX)
TJ = 83.1°C
3X3DFN8 (41° C/W R
θ
JA)
PD(MAX) = (125°C - 50°C) / 41° C/W
PD(MAX) = 1.83 Watts
MSOP8 (208° C/W R
θ
JA)
PD(MAX) = (125°C - 50°C) / 208° C/W
PD(MAX) = 0.360 Watts
VOUT1
VOUT2
VDET Threshold
1.5V to 3.3V
1.5V to 3.3V
2.2V to 3.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com