Electronic Components Datasheet Search
  English  ▼

X  

TC4424A Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4424A
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424A Datasheet(HTML) 4 Page - Microchip Technology

  TC4424A Datasheet HTML 1Page - Microchip Technology TC4424A Datasheet HTML 2Page - Microchip Technology TC4424A Datasheet HTML 3Page - Microchip Technology TC4424A Datasheet HTML 4Page - Microchip Technology TC4424A Datasheet HTML 5Page - Microchip Technology TC4424A Datasheet HTML 6Page - Microchip Technology TC4424A Datasheet HTML 7Page - Microchip Technology TC4424A Datasheet HTML 8Page - Microchip Technology TC4424A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC4423A/TC4424A/TC4425A
DS21998B-page 4
© 2007 Microchip Technology Inc.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, operating temperature range with 4.5V
≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
–10
—
+10
µA
0V
≤ VIN ≤ VDD
Output
High Output Voltage
VOH VDD – 0.025
—
—
V
Low Output Voltage
VOL
—
—
0.025
V
Output Resistance, High
ROH
—3.1
6
Ω
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
—3.7
7
Ω
IOUT = 10 mA, VDD = 18V
Switching Time (Note 1)
Rise Time
tR
—
20
31
ns
Figure4-1, Figure4-2,
CL = 1800 pF
Fall Time
tF
—
22
31
ns
Figure4-1, Figure4-2,
CL = 1800 pF
Delay Time
tD1
—
50
66
ns
Figure4-1, Figure4-2,
CL = 1800 pF
Delay Time
tD2
—
50
66
ns
Figure4-1, Figure4-2,
CL = 1800 pF
Power Supply
Power Supply Current
IS
—
—
2.0
0.2
3.0
0.3
mA
VIN = 3V (Both inputs)
VIN = 0V (Both inputs)
Note 1: Switching times ensured by design.
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (V)
TA
–40
—
+125
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Storage Temperature Range
TA
–65
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 8L-6x5 DFN
θJA
—
33.2
—
°C/W
Typical four-layer board with
vias to ground plane
Thermal Resistance, 8L-PDIP
θJA
—84.6
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—163
—
°C/W
Thermal Resistance, 16L-SOIC
θJA
—90
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com