Electronic Components Datasheet Search
  English  ▼

X  

TC4424A Datasheet(PDF) 19 Page - Microchip Technology

Part # TC4424A
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424A Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC4424A Datasheet HTML 14Page - Microchip Technology TC4424A Datasheet HTML 15Page - Microchip Technology TC4424A Datasheet HTML 16Page - Microchip Technology TC4424A Datasheet HTML 17Page - Microchip Technology TC4424A Datasheet HTML 18Page - Microchip Technology TC4424A Datasheet HTML 19Page - Microchip Technology TC4424A Datasheet HTML 20Page - Microchip Technology TC4424A Datasheet HTML 21Page - Microchip Technology TC4424A Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21998B-page 19
TC4423A/TC4424A/TC4425A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC4423A: 3A Dual MOSFET Driver, Inverting
TC4424A: 3A Dual MOSFET Driver, Non-Inverting
TC4425A: 3A Dual MOSFET Driver, Complementary
Temperature Range:
V
=
-40°C to +125°C
Package: *
MF
= Dual, Flat, No-Lead (6x5 mm Body), 8-lead
MF713 = Dual, Flat, No-Lead (6x5 mm Body), 8-lead
(Tape and Reel)
OA
= Plastic SOIC (150 mil Body), 8-Lead
OA713 = Plastic SOIC (150 mil Body), 8-Lead
(Tape and Reel)
OE
= Plastic SOIC (Wide Body), 16-lead
OE713 = Plastic SOIC (Wide Body), 16-lead
(Tape and Reel)
PA
= Plastic DIP, (300 mil body), 8-lead
* All package offerings are Pb Free (Lead Free)
Examples:
a) TC4423AVOA:
3A Dual Inverting
MOSFET Driver,
8LD SOIC package.
b) TC4423AVPA:
3A Dual Inverting
MOSFET Driver,
8LD PDIP package.
c) TC4423AVMF:
3A Dual Inverting
MOSFET Driver,
8LD DFN package.
d) TC4423AVOE:
3A Dual Inverting
MOSFET Driver,
16LD SOIC package.
a) TC4424AVOA713: 3A Dual Non-Inverting,
MOSFET Driver,
8LD SOIC package,
Tape and Reel.
b) TC4424AVPA:
3A Dual Non-Inverting,
MOSFET Driver,
8LD PDIP package.
a) TC4425AVOA:
3A Dual Complementary,
MOSFET Driver,
8LD SOIC package.
b) TC4425AVPA:
3A Dual Complementary,
MOSFET Driver,
8LD PDIP package.
c) TC4425AVOE713: 3A Dual Complementary,
MOSFET Driver,
16LD SOIC package,
Tape and Reel.
PART NO.
X
XX
Package
Temperature
Range
Device
XXX
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com