Electronic Components Datasheet Search
  English  ▼

X  

TC7106 Datasheet(PDF) 31 Page - Microchip Technology

Part # TC7106
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106 Datasheet(HTML) 31 Page - Microchip Technology

Back Button TC7106 Datasheet HTML 26Page - Microchip Technology TC7106 Datasheet HTML 27Page - Microchip Technology TC7106 Datasheet HTML 28Page - Microchip Technology TC7106 Datasheet HTML 29Page - Microchip Technology TC7106 Datasheet HTML 30Page - Microchip Technology TC7106 Datasheet HTML 31Page - Microchip Technology TC7106 Datasheet HTML 32Page - Microchip Technology TC7106 Datasheet HTML 33Page - Microchip Technology TC7106 Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21455D-page 31
TC7106/A/TC7107/A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC7106: 3-3/4 Digit A/D, with Frequency Counter and Probe
TC7106A: 3-3/4 Digit A/D, with Frequency Counter and Probe
TC7106: 3-3/4 Digit A/D, with Frequency Counter and Probe
TC7107A: 3-3/4 Digit A/D, with Frequency Counter and Probe
Temperature Range: C
=
0
°C to +70°C
I=
-25
°C to +85°C
Package:
LW
= Plastic Leaded Chip Carrier (PLCC), 44-lead
PL
= Plastic DIP, (600 mil Body), 40-lead
KW
= Plastic Metric Quad Flatpack, (MQFP), 44-lead
Tape & Reel:
713
= Tape and Reel
PART NO.
X
XX
Package
Temperature
Range
Device
Examples:
a)
TC7106CLW:
3-3/4 A/D Converter,
44LD PLCC package.
b)
TC7106CPL:
3-3/4 A/D Converter,
40LD PDIP package.
c)
TC7106CKW713:
3-3/4 A/D Converter,
44LD MQFP package,
Tape and Reel.
a)
TC7106ACLW:
3-3/4 A/D Converter,
44LD PLCC package.
b)
TC7106ACPL:
3-3/4 A/D Converter,
40LD PDIP package.
c)
TC7106ACKW713:
3-3/4 A/D Converter,
44LD MQFP package,
Tape and Reel
a)
TC7107CLW:
3-3/4 A/D Converter,
44LD PLCC package.
b)
TC7107CLP:
3-3/4 A/D Converter,
40LD PDIP package.
c)
TC7107CKW713:
3-3/4 A/D Converter,
44LD MQFP package
Tape and Reel.
a)
TC7107ACLW:
3-3/4 A/D Converter,
44LD PLCC package.
b)
TC7107ACLP:
3-3/4 A/D Converter,
40LD PDIP package.
c)
TC7107ACKW:
3-3/4 A/D Converter,
44LD MQFP package.
XXX
Tape &
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com